Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6348-44ARTZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6348-44ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6348-44ARTZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM6348-44ARTZ-R7 Datasheet HTML 1Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 2Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 3Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6348-44ARTZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultralow Power, 3-Lead, SOT-23
Microprocessor Reset Circuits
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow supply current of 1 μA maximum (ADM6326/ADM6328)
Accurate monitoring of 2.5 V, 3 V, 3.3 V, and 5 V rails
Reset thresholds available in increments from 2.2 V to 4.63 V
Glitch immunity from negative-going VCC transients
2 reset output options
Push-pull RESET (ADM6326/ADM6346)
Open-drain RESET (ADM6328/ADM6348)
Minimum reset timeout of 100 ms
Operating temperature range of −40°C to +85°C
3-lead SOT-23 package
APPLICATIONS
Telecommunications
Microprocessor systems
Desktop and notebook computers
Portable equipment
FUNCTIONAL BLOCK DIAGRAMS
RESET
GENERATOR
(100ms)
ADM6326/ADM6346
VREF
VCC
GND
RESET
Figure 1.
RESET
GENERATOR
(100ms)
ADM6328/ADM6348
VREF
VCC
GND
RESET
Figure 2.
GENERAL DESCRIPTION
The ADM6326/ADM6328/ADM6346/ADM6348 devices provide
low cost solutions for protecting sensitive circuitry, such as micro-
processor and telecommunications circuitry.
With built-in glitch immunity, ultralow supply currents, and
24 reset threshold voltage options, the ADM6326/ADM6328/
ADM6346/ADM6348 not only ensure that systems are immune
to fast transients on VCC, but also that the devices are suitable
for monitoring a variety of supply voltages in low power,
portable equipment.
These devices provide a reset output during power-up, power-
down, and brownout conditions. On power-up, an internal
timer holds RESET asserted for at least 100 ms. This holds the
microprocessor in a reset state until conditions have stabilized.
The reset output remains operational with VCC as low as 1 V.
The ADM6326 and ADM6346 have an active low push-pull reset
output. The ADM6328 and ADM6348 have an active low open-
drain reset output, which requires an external pull-up resistor.
The ADM6326 and ADM6328 offer a choice of ten reset thresholds
in increments between 2.2 V and 3.08 V, whereas the ADM6346
and ADM6348 offer a choice of 14 reset thresholds between 3.3 V
and 4.63 V.
These devices are available in a 3-lead SOT-23 package and
operate over the extended temperature range of −40°C to +85°C.


Similar Part No. - ADM6348-44ARTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
logo
Pulse A Technitrol Comp...
ADM6305 PULSE-ADM6305 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Analog Devices
ADM6305D3ARJZ-RL7 AD-ADM6305D3ARJZ-RL7 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
ADM6305D3ARJZ-RL7 AD-ADM6305D3ARJZ-RL7 Datasheet
247Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. A
ADM6305D3ARJZ1-RL7 AD-ADM6305D3ARJZ1-RL7 Datasheet
199Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. 0
More results

Similar Description - ADM6348-44ARTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM803 AD-ADM803 Datasheet
132Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
6/03-Data Sheet changed from REV. B to REV. C.
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Analog Devices
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com