Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602RC2 Datasheet(PDF) 21 Page - Silan Microelectronics Joint-stock

Part # SC73P2602RC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602RC2 Datasheet(HTML) 21 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602RC2 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 24Page - Silan Microelectronics Joint-stock SC73P2602RC2 Datasheet HTML 25Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TYPICAL APPLICATION CIRCUIT1 ---(56 Keys)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
P50
P51
XT1
XT2
P52
P00
P01
P02
P03
VDD
P53
P33
P32
P31
P30
P23
P22
P21
P20
33pF
33pF
4MHz
0.1μF
47μF
VDD
VDD
2
270
K06
K14
K22
K30
K38
K46
K05
K13
K21
K29
K37
K45
K04
K12
K20
K28
K36
K44
K03
K11
K19
K27
K35
K43
K02
K10
K18
K26
K34
K42
K01
K09
K17
K25
K33
K41
K07
K15
K23
K31
K39
K47
K08
K16
K24
K32
K40
K48
K54
K53
K52
K51
K50
K49
K55
K56
IRD
The capacitor between VDD and GND should be close to IC and the routing should be as short as possible.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 21 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com