Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9699P Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9699P
Description  CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9699P Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9699P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC9699P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 2 of 11
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5 ~ +5.5
V
Input Voltage on Pins
VIN
-0.5 ~VDD + 0.5
V
Operating Temperature
Topr
-20 ~ +75
°C
ELECTRICAL CHARACTERISTICS VDD=4.5~5.5V; VSS=0V; Tamb=-10~+50°C
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Power Supply
VDD
4.5
5.0
5.5
V
Power Dissipation
IDD
5V(CD operating)
50
mA
RFIN Input Signal
VRFIN
1
V
Reference Voltage
VIr
0.5VDD
Photoelectricity Signal
Bias Input
Vcom
2.5
V
Input Current Of Central
Diode B
IDB
0
9
µA
Input Current Of Central
Diode A
IDA
0
9
µA
Input Current Of Central
Diode C
IDC
0
9
µA
Input Current Of Central
Diode D
IDD
0
9
µA
Input Current Of Satellite
Diode F
IRF
0
4.5
uA
Input Current Of Satellite
Diode E
IRE
0
4.5
µA
Low-level Input Current at
PA Port.
IOL(A)
10
mA
High-level Output Current
at PA Port.
IOH(A)
5
mA
Low-level Input Current at
PB Port.
IOL(B)
10
mA
High-level Output Current
at PB Port.
IOH(B)
5
mA
Low-level Input Current at
PC Port.
IOL(C)
10
mA
High-level Output Current
at PC Port.
IOH(C)
5
mA
Low-level Input Current at
PG Port.
IOL(G)
10
mA
High-level Output Current
at PG Port.
IOH(G)
5
mA
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com