Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR01R005JM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # LR01R005JM
Description  METAL FOIL CURRENT SENSE RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LR01R005JM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  LR01R005JM Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components,
METAL FOIL CURRENT SENSE RESISTORS
The content of this specification may change without notification 09/01/08
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
LR Series - Metal Foil Current Sense Resistor
*AAC has the ability to manufacture +2% tolerance as an option based on customer’s requirement.
HOW TO ORDER
LR01
R005
J
M
Packaging
M = Tape/Reel (4K/Reel, embossed tape)
Tolerance (%)
F = +1
G = +2*
J = +5
EIA Resistance Value
R005 = 0.005
Ω (5mΩ)
R002 = 0.002
Ω (2mΩ)
R001 = 0.001
Ω (1mΩ)
Series Size
LR01 = 2512, LR12=2010, LR18=1206
DIMENSIONS (mm)
Size
L
W
a
t
2512
6.4
± 0.2
3.2
± 0.2
2.0
± 0.2 (≤2mΩ)
0.9
± 0.2 (>mΩ)
0.6
± 0.2
2010
5.0
± 0.2
2.5
± 0.2
0.6
± 0.3
0.7
± 0.2
1206
3.3
± 0.2
1.6
± 0.2
0.5
± 0.2
0.7
± 0.2
RATING
Type
LR18 = 1206
LR12 = 2010
LR01 =2512
Power Rating
1/4W & 1/2W
1W
1W
2W
Resistance Value
5~20m
Ω
3~30m
Ω
1~50m
Ω
1~10m
Ω
Operation Temperature Range
-55
°C~+170°C
Temperature Coefficient of Resistance
±275ppm/°C
R≤1m
Ω
±100ppm/°C
1m
Ω<R≤10mΩ
±75ppm/°C
R>10m
Ω
Tolerance
±1%, ±2%, ±5%
Insulation Resistance
Over 100M
Ω
Maximum Working Voltage (V)
(P*R)
1/2
DERATING CURVE
If the ambient temperature exceeds 70°C, the rated power has to be derated
according to the power derating curve shown to the right.
FEATURES
Ultra Low Resistances (down to 1m
Ω)
Suitable for large current detecting
Extremely low TCR
Over coating: Molding compound
UL-94 V-0 grade
APPLICATIONS
Power unit (VRM) for CPU
Battery charges
Power Supply
DC/DC converter


Similar Part No. - LR01R005JM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR01 SCHNEIDER-LR01 Datasheet
78Kb / 2P
Non-contact radar for measuring distance, level and volume of liquids and pastes
Apr 26, 2022
logo
VBsemi Electronics Co.,...
LR014 VBSEMI-LR014 Datasheet
1,004Kb / 8P
N-Channel 60 V (D-S) MOSFET
LR014N VBSEMI-LR014N Datasheet
1,004Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - LR01R005JM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
Metal Foil Current Sense
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
Metal Foil Current Sense
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
Metal Foil Current Sense
logo
KOA Speer Electronics, ...
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
Metal Foil Current Sensing Chip Resistors
logo
Ohmite Mfg. Co.
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
Metal Foil Current Sense
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com