Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC6071 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC6071 Datasheet(HTML) 2 Page - Motorola, Inc

  MAC6071 Datasheet HTML 1Page - Motorola, Inc MAC6071 Datasheet HTML 2Page - Motorola, Inc MAC6071 Datasheet HTML 3Page - Motorola, Inc MAC6071 Datasheet HTML 4Page - Motorola, Inc MAC6071 Datasheet HTML 5Page - Motorola, Inc MAC6071 Datasheet HTML 6Page - Motorola, Inc MAC6071 Datasheet HTML 7Page - Motorola, Inc MAC6071 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC6071A,B MAC6073A,B MAC6075A,B
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
3.5
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
75
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(VD = Rated VDRM, gate open)
(TJ = 25°C)
(TJ = 110°C)
IDRM
—
—
—
—
10
2.0
µA
mA
On-State Voltage (Either Direction)
(ITM = 6 A Peak)
VTM
—
1.3
2.0
Volts
Peak Gate Trigger Voltage (Continuous dc)
(TJ = –40°C) (Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+); MT2(–), G(–)
MT2(+), G(–); MT2(–), G(+)
(TJ = 110°C)
MT2(+), G(+); MT2(–), G(–)
MT2(+), G(–); MT2(–), G(+)
(TJ = 25°C)
MT2(+), G(+); MT2(–), G(–)
MT2(+), G(–); MT2(–), G(+)
VGT
0.5
0.5
0.2
0.2
0.4
0.4
0.8
0.8
0.4
0.4
0.7
0.7
1.9
1.9
0.9
0.9
1.4
1.4
Volts
Holding Current (Either Direction)
(TJ = –40°C) (Main Terminal Voltage = 12 Vdc, Gate Open)
(Initiating Current = 150 mA)
(TJ = 25°C)
IH
0.4
0.2
2.0
1.0
10
5.0
mA
Latching Current
(VD = 6 V)
MT2(+), G(+)
(IG = 8 mA)
TJ = 25°C
MT2(+), G(–)
(IG = 8 mA)
MT2(–), G(–)
(IG = 8 mA)
MT2(–), G(+)
(IG = 15 mA)
IL
—
—
—
—
2.0
5.0
1.0
2.0
10
20
10
10
mA
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MAC6071A, MAC6073A, MAC6075A
MT2(+), G(+)
TJ = 25°C
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
MT2(+), G(+)
TJ = –40°C
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
IGT
0.4
0.4
0.4
0.8
0.8
0.8
0.8
1.6
2.0
3.0
3.0
4.5
3.5
4.5
5.0
10
5.0
5.0
5.0
10
10
10
10
20
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com