Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC26041 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNC26041
Description  One Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26041 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNC26041 Datasheet HTML 1Page - SONiX Technology Company SNC26041 Datasheet HTML 2Page - SONiX Technology Company SNC26041 Datasheet HTML 3Page - SONiX Technology Company SNC26041 Datasheet HTML 4Page - SONiX Technology Company SNC26041 Datasheet HTML 5Page - SONiX Technology Company SNC26041 Datasheet HTML 6Page - SONiX Technology Company SNC26041 Datasheet HTML 7Page - SONiX Technology Company SNC26041 Datasheet HTML 8Page - SONiX Technology Company SNC26041 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SNC26041
One Channel Speech Controller
Ver: 1.7
October 14, 2009
2
AMENDENT HISTORY
Version
Date
Description
Ver 1.2
Jan. 7, 2009
First issue
Ver 1.3
Feb. 13, 2009
1. Revise Rosc=220K Ohm in Application Circuit part
Ver 1.4
May 6, 2009
1. Revise frequency guarantee range in electrical
characteristics according IC Test flow
Ver 1.5
June 23, 2009
No modification, just revise version following with
updating SNC26500 IO numbers.
Ver 1.6
July 23, 2009
Revise system clock with 2.05MHz (typical).
Ver 1.7
October 14, 2009
1. Revise PWM output spec condition with BUOx=1/2
VDD (peak value), instead of 1KHz sine wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com