Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9S12XS64J1VAL Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # P9S12XS64J1VAL
Description  HCS12 Microcontrollers
PDF  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XS64J1VAL Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button P9S12XS64J1VAL Datasheet HTML 69Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 70Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 71Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 72Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 73Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 74Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 75Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 76Page - Freescale Semiconductor, Inc P9S12XS64J1VAL Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 736 page
background image
Port Integration Module (S12XSPIMV1)
S12XS Family Reference Manual, Rev. 1.09
Freescale Semiconductor
73
2.3.3
Port A Data Register (PORTA)
2.3.4
Port B Data Register (PORTB)
Address 0x0000 (PRR)
Access: User read/write1
1 Read: Anytime. The data source depends on the data direction value.
Write: Anytime.
76543210
R
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
W
Reset
00000000
Figure 2-1. Port A Data Register (PORTA)
Table 2-4. PORTA Register Field Descriptions
Field
Description
7-0
PA
Port A general purpose input/output data—Data Register
The associated pin can be used as general purpose I/O. In general purpose output mode the register bit value is
driven to the pin.
If the associated data direction bit is set to 1, a read returns the value of the port register bit, otherwise the buffered
pin input state is read.
Address 0x0001 (PRR)
Access: User read/write1
1 Read: Anytime. The data source depends on the data direction value.
Write: Anytime.
76543210
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
W
Reset
00000000
Figure 2-2. Port B Data Register (PORTB)
Table 2-5. PORTB Register Field Descriptions
Field
Description
7-0
PB
Port B general purpose input/output data—Data Register
The associated pin can be used as general purpose I/O. In general purpose output mode the register bit value is
driven to the pin.
If the associated data direction bit is set to 1, a read returns the value of the port register bit, otherwise the buffered
pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com