Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53508 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53508
Description  SOLID STATE POWER CONTROLLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53508 Datasheet(HTML) 2 Page - Micropac Industries

  53508 Datasheet HTML 1Page - Micropac Industries 53508 Datasheet HTML 2Page - Micropac Industries 53508 Datasheet HTML 3Page - Micropac Industries 53508 Datasheet HTML 4Page - Micropac Industries 53508 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
53508 Series
Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/30/06 Rev B
Pg. 2 of 5
This device is available unscreened (for engineering use) or environmentally screened to H level plus PIND in accordance
with Table C-IX of MIL-PRF-38534.
53508
ELECTRICAL CHARACTERISTICS
TA = -55 to 125° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input characteristics
Bias supply range
4.75
5.0
5.25
VDC
Bias current
25
35
mA
Input Current (Control)
32 VDC Input
6
m
A
Input Current (Control)
5 VDC Input
2
µA
Control voltage range
-0.5
5
32.0
VDC
Turn-on voltage
See Notes 1 & 2
2.4
2.8
VDC
Turn-off voltage
See Notes 1 & 2
1.9
2.2
VDC
Dielectric strength
Input /Output / Power Bus/ Case
1000
VDC
Output characteristics
Output current, Continuous
Steady State Load Current
110
120
% of Rating
Output Current, Trip Point
500% of Rating
100
mS
Output Current, Trip Point
600% of Rating
50
100
µS
Steady State Current Adjustment Range:
30
100
% of Rating
Transient Voltage
Output Device Rating
550
VDC
Forward Voltage Drop
10A Load Current @ 25°C
0.85
VDC
Forward Voltage Drop
10A Load Current @ 125°C
1.7
VDC
Turn-on time @ 25ºC case
270VDC, 10A
400
500
600
µS
Turn-off time @ 25ºC case
270VDC, 10A
50
100
µS
Off-State Leakage
Vds = 550V, Tc = 25°C
250
µA
Off-State Leakage
Vds = 440V, Tc = 125°C
1000
µA
Total Device Power Dissipation (Tpd)
Iload = 10A. Ta = 25°C
11.5
W
Junction temperature
150
ºC
Thermal resistance, θJC
2.0
ºC/W
NOTES:
1. Maximum input switching frequency not to exceed 1 Hz under normal conditions, or into a shorted output.
2. Input transitions must be “bounceless contact” with transitions of <1 ms.
3. Devices are electrically tested at -55
°C, +25°C and +125°C with no environmental screening or qualification.
4. Fully compliant Class H or Class K devices will require Element Evaluation and QCI.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com