Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1468 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1468
Description  16-Bit Accurate Operational Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 2 Page - Linear Technology

  LT1468_09 Datasheet HTML 1Page - Linear Technology LT1468_09 Datasheet HTML 2Page - Linear Technology LT1468_09 Datasheet HTML 3Page - Linear Technology LT1468_09 Datasheet HTML 4Page - Linear Technology LT1468_09 Datasheet HTML 5Page - Linear Technology LT1468_09 Datasheet HTML 6Page - Linear Technology LT1468_09 Datasheet HTML 7Page - Linear Technology LT1468_09 Datasheet HTML 8Page - Linear Technology LT1468_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1468
2
1468fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V –).................................36V
Maximum Input Current (Note 2)...........................10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range ................. –40°C to 85°C
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NULL
–IN
+IN
V–
DNC*
V+
OUT
NULL
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD IS INTERNALLY CONNECTED TO V–
1
2
3
4
8
7
6
5
TOP VIEW
*DO NOT CONNECT
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
NULL
–IN
+IN
V–
DNC*
V+
OUT
NULL
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1468CN8#PBF
NA
LT1468CN8
8-Lead PDIP
0°C to 70°C
LT1468IN8#PBF
NA
LT1468IN8
8-Lead PDIP
–40°C to 85°C
LT1468CS8#PBF
LT1468CS8#TRPBF
1468
8-Lead Plastic Small Outline
0°C to 70°C
LT1468IS8#PBF
LT1468IS8#TRPBF
1468I
8-Lead Plastic Small Outline
–40°C to 85°C
LT1468ACDD#PBF
LT1468ACDD#TRPBF
LDJX
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT1468AIDD#PBF
LT1468AIDD#TRPBF
LDJX
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT1468CDD#PBF
LT1468CDD#TRPBF
LDJX
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT1468IDD#PBF
LT1468IDD#TRPBF
LDJX
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1468CN8
NA
LT1468CN8
8-Lead PDIP
0°C to 70°C
LT1468IN8
NA
LT1468IN8
8-Lead PDIP
–40°C to 85°C
LT1468CS8
LT1468CS8#TR
1468
8-Lead Plastic Small Outline
0°C to 70°C
LT1468IS8
LT1468IS8#TR
1468I
8-Lead Plastic Small Outline
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 4) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com