Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3573 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3573
Description  Isolated Flyback Converter without an Opto-Coupler
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573 Datasheet(HTML) 2 Page - Linear Technology

  LT3573_09 Datasheet HTML 1Page - Linear Technology LT3573_09 Datasheet HTML 2Page - Linear Technology LT3573_09 Datasheet HTML 3Page - Linear Technology LT3573_09 Datasheet HTML 4Page - Linear Technology LT3573_09 Datasheet HTML 5Page - Linear Technology LT3573_09 Datasheet HTML 6Page - Linear Technology LT3573_09 Datasheet HTML 7Page - Linear Technology LT3573_09 Datasheet HTML 8Page - Linear Technology LT3573_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3573

3573fb
absolute MaxiMuM ratings
SW............................................................................60V
VIN, SHDN/UVLO, RFB, BIAS.....................................40V
SS, VC, TC, RREF, RILIM ...............................................5V
Maximum Junction Temperature .......................... 125°C
Operating Junction Temperature Range (Note 2)
LT3573E ............................................–40°C to 125°C
Storage Temperature Range ..................–65°C to 150°C
orDer inForMation
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3573EMSE#PBF
LT3573EMSE#TRPBF
3573
16‑Lead Plastic MSOP
–40°C to 125°C
LT3573IMSE#PBF
LT3573IMSE#TRPBF
3573
16‑Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
3
40
V
Quiescent Current
SS = 0V
VSHDN/UVLO = 0V
3.5
0
1
mA
µA
Soft‑Start Current
SS = 0.4V
7
µA
SHDN/UVLO Pin Threshold
UVLO Pin Voltage Rising
l
1.15
1.22
1.29
V
SHDN/UVLO Pin Hysteresis Current
VUVLO = 1V
2
2.5
3
µA
Soft‑Start Threshold
0.7
V
Maximum Switching Frequency
1000
kHz
Switch Current Limit
RILIM = 10k
1.25
1.55
1.85
A
Minimum Current Limit
VC = 0V
200
mA
Switch VCESAT
ISW = 0.5A
150
250
mV
RREF Voltage
VIN = 3V
l
1.21
1.20
1.23
1.25
1.25
V
RREF Voltage Line Regulation
3V < VIN < 40V
0.01
0.03
%/ V
RREF Pin Bias Current
(Note 3)
l
100
600
nA
IREF Reference Current
Measured at RFB Pin with RREF = 6.49k
190
µA
pin conFiguration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
GND
TEST
GND
SW
VIN
BIAS
SHDN/UVLO
GND
GND
TC
RREF
RFB
VC
RILIM
SS
GND
17
TJMAX = 125°C, θJA = 50°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com