Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3743 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3743
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3743 Datasheet HTML 9Page - Linear Technology LT3743 Datasheet HTML 10Page - Linear Technology LT3743 Datasheet HTML 11Page - Linear Technology LT3743 Datasheet HTML 12Page - Linear Technology LT3743 Datasheet HTML 13Page - Linear Technology LT3743 Datasheet HTML 14Page - Linear Technology LT3743 Datasheet HTML 15Page - Linear Technology LT3743 Datasheet HTML 16Page - Linear Technology LT3743 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3743
13
3743f
APPLICATIONS INFORMATION
Programming Inductor Current
The analog voltage at the CTRL_L and CTRL_H pins is
buffered and produces a reference voltage, VCTRL, across
an internal resistor. The regulated average inductor current
is determined by:
I
V
R
O
CTRL
S
=
30 •
where RS is the external sense resistor and IO is the aver-
age inductor current, which is equal to the LED current.
Figure 2 shows the LED current vs RS. The maximum
power dissipation in the resistor will be:
P
V
R
RS
S
= ()
005
2
.
Table 1 contains several resistors values, the correspond-
ing maximum current and power dissipation in the sense
resistor. Figure 3 shows the power dissipation in RS.
Table 1. Sense Resistor Values
MAXIMUM LED
CURRENT (A)
RESISTOR, RS (mΩ) POWER DISSIPATION (W)
1
50
0.05
5
10
0.25
10
5
0.5
25
2
1.25
Inductor Selection
The recovery time between regulated states is critical
to maintaining accurate control of the LED current. For
this reason, sizing the inductor to have no less than 30%
peak-to-peak ripple will provide excellent recovery time
with reasonable ripple. The overcurrent set point is equal
to the high level regulated current level set by the CTRL_H
pin with an additional 23mV offset between the SENSE+
and SENSE– pins. The saturation current for the inductor
should be at least 20% higher than the maximum regu-
lated current. The following equation sizes the inductor
to achieve a reasonable recovery time while minimizing
the inductor ripple:
L
VV
V
fI
V
IN
F
F
SO
IN
=
() ()
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
•–
.•
•
•
2
03
where VFistheLEDforwardvoltagedrop,IOisthemaximum
regulated current in the inductor and fS is the switching
frequency. Using this equation, the inductor will have ap-
proximately 15% ripple at maximum regulated current.
Table 2. Recommended Inductor Manufacturers
VENDOR
WEBSITE
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Vishay
www.vishay.com
Würth Electronics
www.we-online.com
NEC-Tokin
www.nec-tokin.com
RS (mΩ)
0
0
0.2
0.6
0.8
1.0
1.4
2
10
14
3743 F03
0.4
1.2
8
18 20
4
6
12
16
RS (mΩ)
0
10
20
30
5
15
25
4
8
12
16
3743 F02
20
2
0
6
10
14
18
Figure 2. RS Value Selection for LED Current
Figure 3. Power Dissipation in RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com