Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027MPV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8027MPV
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPV Datasheet(HTML) 2 Page - Linear Technology

  LTM8027MPV Datasheet HTML 1Page - Linear Technology LTM8027MPV Datasheet HTML 2Page - Linear Technology LTM8027MPV Datasheet HTML 3Page - Linear Technology LTM8027MPV Datasheet HTML 4Page - Linear Technology LTM8027MPV Datasheet HTML 5Page - Linear Technology LTM8027MPV Datasheet HTML 6Page - Linear Technology LTM8027MPV Datasheet HTML 7Page - Linear Technology LTM8027MPV Datasheet HTML 8Page - Linear Technology LTM8027MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8027
2
8027f
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................................65V
BIAS1, BIAS2 ............................................................15V
SYNC, ADJ, RT, RUN, SS Voltages..............................5V
Current Into RUN Pin (Note 2) .................................1mA
VOUT, AUX .................................................................25V
Current Out of AUX ............................................. 200mA
Internal Operating Temperature
(Note 3).................................................. –40°C to 125°C
Maximum Soldering Temperature......................... 245°C
Storage Temperature Range .................. –55°C to 125°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING
PACKAGE DESCRIPTION
INTERNAL TEMPERATURE RANGE
LTM8027EV#PBF
LTM8027EV#PBF
LTM8027V
113-Lead (15mm
× 15mm × 4.32mm) LGA –40°C to 125°C
LTM8027IV#PBF
LTM8027IV#PBF
LTM8027V
113-Lead (15mm
× 15mm × 4.32mm) LGA –40°C to 125°C
LTM8027MPV#PBF
LTM8027MPV#PBF
LTM8027V
113-Lead (15mm
× 15mm × 4.32mm) LGA –55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://linear.com/packaging/
PIN CONFIGURATION
LGA PACKAGE
113-LEAD (15mm
15mm
4.32mm)
TOP VIEW
RT
A
1
2
3
4
5
6
7
8
9
10
11
B C D E
FG HJ
KL
SYNC
ADJ
AUX
VOUT
BANK 1
GND
BANK 2
VIN
BANK 3
BIAS1
SS
RUN
BIAS2
TJMAX = 125°C, θJA = 12.2°C/W, θJC(TOP) = 9.3°C/W,
θJC(BOTTOM) = 3.6°C/W, θJBOARD = 7.54°C/W
θ VALUES DETERMINED PER JESD 51-9
WEIGHT = 2.6 GRAMS
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
(Note 5)
l
4.5
60
V
VOUT
Maximum Output DC Voltage
0 < IOUT ≤ 4A, VIN = 48V
24
V
IOUT
Output DC Current
VIN ≤ 60V, VOUT = 12V, (Note 4)
0
4
A
VIN(START)
Minimum Start Voltage
7.5
V
ΔVOUT/ΔVIN
Line Regulation
VOUT = 12V, 15V< VIN < 60V, ILOAD = 4A
0.2
%
ΔVOUT/ΔILOAD
Load Regulation
VOUT = 12V, VIN = 24V, 0A < ILOAD ≤ 4A
0.2
%
VUVLO(RISING)
Input Undervoltage Lockout Threshold
(Rising)
(Note 5)
4.6
V
VUVLO(FALLING)
Input Undervoltage Lockout Threshold
(Falling)
(Note 5)
3.7
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 20V, BIAS1 = BIAS2 = 10V, RUN = 2V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com