Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6012 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6012
Description  Stepper Motor Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6012 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS6012 Datasheet HTML 1Page - Micro Analog systems MAS6012 Datasheet HTML 2Page - Micro Analog systems MAS6012 Datasheet HTML 3Page - Micro Analog systems MAS6012 Datasheet HTML 4Page - Micro Analog systems MAS6012 Datasheet HTML 5Page - Micro Analog systems MAS6012 Datasheet HTML 6Page - Micro Analog systems MAS6012 Datasheet HTML 7Page - Micro Analog systems MAS6012 Datasheet HTML 8Page - Micro Analog systems MAS6012 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DA6012.000
30 June 2008
6 (9)
APPLICATION INFORMATION
Glitch
Filter
Output
Driver A
Glitch
Filter
FSCXA
CWA
Glitch
Filter
Output
Driver B
Glitch
Filter
FSCXB
CWB
Glitch
Filter
Output
Driver C
Glitch
Filter
FSCXC
CWC
Glitch
Filter
Output
Driver D
Glitch
Filter
FSCXD
CWD
VSS
VDD
XRESET
GND
GND
OUTA1
OUTA2
OUTA3
OUTA4
OUTB1
OUTB2
OUTB3
OUTB4
OUTC1
OUTC2
OUTC3
OUTC4
OUTD1
OUTD2
OUTD3
OUTD4
VDD
VCC
VSS
GND
µ
µ
µ
µ
C
Glitch
Filter
100nF
22µ
µ
µ
µF
GND
Stepper
Motor
Stepper
Motor
Stepper
Motor
Stepper
Motor
MAS6012AA4
10
kΩ
VDD
VCC
GND
100nF
Figure 3. Typical MAS6012AA4 quad stepper motor driver application circuit
For
filtering
fast
voltage
transients
it
is
recommended to connect two 100nF ceramic
capacitors close to power supply pins of the IC (see
figure
3).
Additionally
there
should
be
5µF
capacitance per motor connected for latch-up
protection. Thus for four motors there should be
additional 22µF filtering capacitor connected to the
supplies.
For proper power up it is recommended to keep the
XRESET pin low during supplies rising. Depending
on used microcontroller an external pull-down
resistor might be needed to stay at reset during
power up (see figure 3 external pull down resistor
connected to XRESET pin).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com