Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6012AA2ST206 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6012AA2ST206
Description  Stepper Motor Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6012AA2ST206 Datasheet(HTML) 9 Page - Micro Analog systems

  MAS6012AA2ST206 Datasheet HTML 1Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 2Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 3Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 4Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 5Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 6Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 7Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 8Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DA6012.000
30 June 2008
9 (9)
SOLDERING INFORMATION
N For Pb-Free, RoHS Compliant TSSOP-28
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260°C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in IPC/JEDEC J-STD-020
should not be exceeded. http://www.jedec.org
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4 µm, material Matte Tin
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS6012AA1ST206
Single Output Stepper Motor Driver IC
TSSOP-16
Note
MAS6012AA2ST206
Dual Output Stepper Motor Driver IC
TSSOP-16
Note
MAS6012AA3ST206
Three Output Stepper Motor Driver IC
TSSOP-28
Note
MAS6012AA4ST206
Quad Output Stepper Motor Driver IC
TSSOP-28
Tape and Reel
Note: Contact Micro Analog Systems Oy for one to three output stepper motor driver IC version options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com