Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8355 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8355
Description  16-Bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8355 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8355 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
Signal Pins
56F8355 Technical Data, Rev. 17
Freescale Semiconductor
21
Preliminary
CLKO
6
Output
In reset,
output is
disabled
Clock Output
— This pin outputs a buffered clock signal. Using
the SIM CLKO Select Register (SIM_CLKOSR), this pin can be
programmed as any of the following: disabled, CLK_MSTR
(system clock), IPBus clock, oscillator output, prescaler clock and
postscaler clock. Other signals are also available for test
purposes.
See Part 6.5.7 for details.
A8
(GPIOA0)
15
Output
Schmitt
Input/
Output
In reset,
output is
disabled,
pullup is
enabled
Address Bus
— A8 - A13 specify six of the address lines for
external program or data memory accesses. Depending upon the
state of the DRV bit in the EMI bus control register (BCR), A8 -
A13 and EMI control signals are tri-stated when the external bus is
inactive.
Port A GPIO
— These six GPIO pins can be individually
programmed as input or output pins.
After reset, these pins default to address bus functionality and
must be programmed as GPIO.
To deactivate the internal pullup resistor, clear the appropriate
GPIO bit in the GPIOA_PUR register.
Example: GPIOA0, clear bit 0 in the GPIOA_PUR register.
Note:
Primary function is not available in this package
configuration; GPIO function must be used instead.
A9
(GPIOA1)
16
A10
(GPIOA2)
17
A11
(GPIOA3)
18
A12
(GPIOA4)
19
A13
(GPIOA5)
20
GPIOB0
(A16)
27
Schmitt
Input/
Output
Output
Input,
pullup
enabled
Port B GPIO
— These four GPIO pins can be programmed as
input or output pins.
Address Bus
— A16 - A19 specify four of the address lines for
external program or data memory accesses. Depending upon the
state of the DRV bit in the EMI bus control register (BCR), A16 -
A19 and EMI control signals are tri-stated when the external bus is
inactive.
After reset, the default state is GPIO.
To deactivate the internal pullup resistor, clear bit 0 in the
GPIOB_PUR register.
Example: GPIOB1, clear bit 1 in the GPIOB_PUR register.
GPIOB1
(A17)
28
GPIOB2
(A18)
29
GPIOB3
(A19)
30
Table 2-2 Signal and Package Information for the 128-Pin LQFP (Continued)
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com