Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 182 page
background image
56F8367 Package and Pin-Out Information
56F8367 Technical Data, Rev. 9
Freescale Semiconductor
171
Preliminary
J3
A15
P9
IRQB
G14
ANA6
A6
SCLK0
J4
VSS
N9
FAULTB0
E13
ANA7
D4
MISO0
K1
D7
L9
FAULTB1
E11
TEMP_SENSE
B6
MOSI0
K3
D8
L10
FAULTB2
E12
VREFLO
A5
D11
K2
D9
P10
D0
F14
VREFN
A4
D12
E5
VDD_IO
N10
D1
E14
VREFMID
B5
D13
K4
D10
P11
FAULTB3
D13
VREFP
C4
D14
L1
GPIOB0
M11
PWMA0
D14
VREFH
A3
D15
L3
GPIOB1
G11
VSS
C14
VDDA_ADC
C3
A0
L2
GPIOB2
P12
PWMA1
D12
VSSA_ADC
A2
PHASEA0
M1
GPIOB3
N11
PWMA2
C13
ANB0
B4
PHASEB0
M2
GPIOB4
E9
VDD_IO
B14
ANB1
A1
INDEX0
N1
PWMB0
M12
PWMA3
C12
ANB2
B3
HOME0
P1
PWMB1
P13
PWMA4
B13
ANB3
B2
EMI_MODE
N2
PWMB2
E7
VSS
A14
ANB4
E6
VSS
Table 11-2 56F8367 -160 MAPBGA Package Identification by Pin Number (Continued)
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Please see http://www.freescale.com for the most current mechanical drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com