Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 182 page
background image
56F8167 Package and Pin-Out Information
56F8367 Technical Data, Rev. 9
Freescale Semiconductor
173
Preliminary
11.2 56F8167 Package and Pin-Out Information
This section contains package and pin-out information for the 56F8167. This device comes in a 160-pin
Low-profile Quad Flat Pack (LQFP). Figure 11-4 shows the package outline for the 160-pin LQFP,
Figure 11-5 shows the mechanical parameters for this package, and Table 11-3 lists the pin-out for the
160-pin LQFP.
Figure 11-4 Top View, 56F8167 160-Pin LQFP Package
VDD_IO
VPP2
CLKO
TXD0
RXD0
SCLK1
MOSI1
MISO1
SS1
A1
A2
A3
A4
A5
VCAP4*
VDD_IO
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
VSS
D7
D8
D9
VDD_IO
D10
GPIOB0
GPIOB1
GPIOB2
GPIOB3
Pin 1
Orientation Mark
121
41
GPIOB4
PWMB0
PWMB1
PWMB2
ANB4
ANB3
ANB2
ANB1
ANB0
VSSA_ADC
VDDA_ADC
VREFH
VREFP
VREFMID
VREFN
VREFLO
NC
ANA7
ANA6
ANA5
ANA4
ANA3
ANA2
ANA1
ANA0
CLKMODE
RESET
RSTO
VDD_IO
VCAP3*
EXTAL
XTAL
VDDA_OSC_PLL
OCR_DIS
D6
D5
D4
NC
D3
NC
NC
D2
NC
NC
81
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com