Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2425 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2425
Description  PNP EPITAXIAL TYPE (SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2425 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2425 Datasheet HTML 1Page - Toshiba Semiconductor RN2425 Datasheet HTML 2Page - Toshiba Semiconductor RN2425 Datasheet HTML 3Page - Toshiba Semiconductor RN2425 Datasheet HTML 4Page - Toshiba Semiconductor RN2425 Datasheet HTML 5Page - Toshiba Semiconductor RN2425 Datasheet HTML 6Page - Toshiba Semiconductor RN2425 Datasheet HTML 7Page - Toshiba Semiconductor RN2425 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN2421~RN2427
2001-11-29
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
―
VCB = −50V, IE = 0
―
―
−100
Collector cut-off current
RN2421~2427
ICEO
―
VCE = −50V, IB = 0
―
―
−500
nA
RN2421
―
−3.85
―
−7.14
RN2422
―
−1.75
―
−3.25
RN2423
―
−0.82
―
−1.52
RN2424
―
VEB = −10V, IC = 0
−0.38
―
−0.71
RN2425
―
−0.365
―
−0.682
RN2426
―
VEB = −5V, IC = 0
−0.35
―
−0.65
Emitter cut-off current
RN2427
IEBO
―
VEB = −6V, IC = 0
−0.378
―
−0.703
mA
RN2421
―
60
―
―
RN2422
―
65
―
―
RN2423
―
70
―
―
RN2424
―
90
―
―
RN2425
―
90
―
―
RN2426
―
90
―
―
DC current gain
RN2427
hFE
―
VCE = −1V,
IC = −100mA
90
―
―
RN2421
IC = −50mA, IB = −2mA
Collector-Emitter
saturation voltage
RN2422~2427
VCE (sat)
―
IC = −50mA, IB = −1mA
―
―
−0.25
V
RN2421
―
−1.0
―
−3.5
RN2422
―
−1.4
―
−4.5
RN2423
―
−2.0
―
−6.5
RN2424
―
−3.0
―
−12.0
RN2425
―
−0.6
―
−2.0
RN2426
―
−0.7
―
−2.5
Input voltage (ON)
RN2427
VI (ON)
―
VCE = −0.2V
IC = −100mA
−1.0
―
−3.0
V
RN2421~2424
―
−0.8
―
−1.3
RN2425, 2426
―
−0.4
―
−0.8
Input voltage (OFF)
RN2427
VI (OFF)
―
VCE = −5V,
IC = −0.1mA
−0.5
―
−1.0
V
Transition frequency
RN2421~2427
fT
―
VCE = −5V, IC = −20mA
―
200
―
MHz
Collector output
capacitance
RN2421~2427
Cob
―
VCB = −10V, IE = 0
f = 1MHz
―
13
―
pF
RN2421
―
0.7
1.0
1.3
RN2422
―
1.54
2.2
2.86
RN2423
―
3.29
4.7
6.11
RN2424
―
7
10
13
RN2425
―
0.329
0.47
0.61
RN2426
―
0.7
1.0
1.3
Input resistor
RN2427
R1
―
―
1.54
2.2
2.86
kΩ
RN2421~2424
―
0.9
1.0
1.1
RN2425
―
0.0423 0.047 0.0517
RN2426
―
0.09
0.1
0.11
Resistor ratio
RN2427
R1/R2
―
―
0.2
0.22
0.24



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com