Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
VSD LOW POWER MODE DC - VSDMODE=1
Output Voltage VOUT
VINMIN < VIN < VINMAX, ILMINLP < IL < ILMAXLP
VSDLO
VNOM –
3%
VNOM
VNOM + 3%
V
Current Load Range ILMINLP to ILMAXLP
ISDLO
0
-
3.0
mA
Low Power Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
ISDQSLO
-
8.0
10.5
µA
VUSB GENERAL
Operating Input Voltage Range VINMIN to VINMAX
Supplied by VBUS
Supplied by SWBST
VINUSB
4.4
-
5.0
-
5.25
5.75
V
Operating Current Load Range ILMIN to ILMAX
IUSB
0
-
100
mA
Bypass Capacitor Value Range
COUSB
0.65
2.2
-
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
ESRUSB
0
-
0.1
Ω
VUSB ACTIVE MODE DC
Output Voltage VOUT
VINMIN < VIN < VINMAX, ILMIN < IL < ILMAX
VUSB
VNOM –
4%
3.3
VNOM + 4%
V
Load Regulation
0 < IL < ILMAX from DM/DP for any VINMIN < VIN < VINMAX
VUSBLOR
-
-
1.0
mV/mA
Line Regulation
VINMIN < VIN < VINMAX, for any ILMIN < IL < ILMAX
VUSBLIR
-
-
20
mV
Short-circuit Protection Threshold
VINMIN < VIN < VINMAX, Short-circuit VOUT to GND
VUSBSHT
ILMAX+20
%
-
-
mA
VUSB2
Operating Input Voltage Range VINMIN to VINMAX
Extended operation
VINUSB2
VNOM
+0.25
UVDET
-
-
4.65
4.65
V
Operating Current Load Range ILMIN to ILMAX
IUSB2
0
-
50
mA
Minimum Bypass Capacitor Value
Used as a condition for all other parameters
COUSB2
0.65
2.2
-
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
ESRUSB2
0
-
0.1
Ω
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com