Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5621 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT5621
Description  Three-Way Ballast Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5621 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT5621 Datasheet HTML 1Page - Princeton Technology Corp PT5621 Datasheet HTML 2Page - Princeton Technology Corp PT5621 Datasheet HTML 3Page - Princeton Technology Corp PT5621 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT5621
V1.0
3
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT5621-D
16 Pins, DIP, 300MIL
PT5621-D
PT5621-S
16 Pins, SOP, 150MIL
PT5621-S
PIN CONFIGURATION
IN DESCRIPTION
Pin Name
Description
Pin No.
GND
Ground
1
CP
Preheat time and sweeping ignition control pin
2
RF
Internal reference current bias setting pin, The pin’s voltage reference is
fixed at 1.5V. It connects to an external resistor to determine the internal
current reference, typical value is 75K
3
ROSC
Oscillator connects to an external resistor to determine the oscillating
frequency
4
COSC
Oscillator connects to an external capacitor to determine the oscillating
frequency
5
CTR1, 2
Dimming level setting pin
The different output states of the CTR1& CTR2 make the voltage divider
consisting of external resistors output different voltage level to the DIM pin
and set different dimming level
6, 7
DIM
Dimming input Pin
8
IL
Lamp current sampling
9
DATA0
NC
This pin is shorted to GND
10
RIND
Protection input pin
11
DATA1, 2
The Lives sensing pins
12, 13
LO
Low-side gate driver output
14
VDD
Power supply, operating voltage is 13V
15
HO
High-side gate driver output
16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com