Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8921 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT8921
Description  Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8921 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT8921 Datasheet HTML 1Page - Princeton Technology Corp PT8921 Datasheet HTML 2Page - Princeton Technology Corp PT8921 Datasheet HTML 3Page - Princeton Technology Corp PT8921 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
PT8921
Smart Audio Combo-Station with USB
Mini-Host & SD/MMC Host Interface Controller
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT8921 is a cost-efficient single chip for audio
mini-combo
play-station
application.
The
chip
integrated the USB2.0 FS host controller, SD/MMC
host
controller,
Sigma-Delta
Audio-DAC
and
WAV/MP3/WMA/AAC Audio-Decoder in one chip. Only
few external components needed in application circuits
makes it suite for the audio play-station system with
USB2.0 FS host, SD/MMC host and i-Pod audio control
interfaces.
The I/O interfaces are totally following the USB2.0 FS
host class interface specification and SD/MMC card
specification. The stand alone audio play-station and
no special driver software need to install on this system
by user in the recent market. The PT8921 is a truly plug
and play audio play-station controller with USB2.0 FS
host and SD/MMC host interfaces. There are some
extended functions for the different audio sources and
applications. The embedded 8-GPIO pins provide the
player function key and other adjustment feature.
APPLICATIONS
• Portable Audio Play-Station
• Car Audio Combo-Station
• Home Audio Play-Station
FEATURES
• Built-in USB 2.0 FS Mini-Host interface.
• Compliant with USB Mass-storage class specification.
• Built-in SD/MMC Host interface.
• Compliant with SD/SDIO Card specification Version 2.0.
• Compliant with MMC Card specification Version 4.2.
• Support FAT12, FAT16 and FAT32 file system.
• Built-in 8051 base MCU with 8K ROM.
• Support ISP (In-System-Programmable) Interface for
external program Flash-ROM.
• Built-in WAV/MP3 WMA/AAC Format Audio-Decoder.
• Support MPEG1/2/2.5 layer III audio decoding.
• Built-In Flat/Pop/Jazz/Classic/Rock processing function.
• Built-In Digital Volume control function
• Built-in SNR=85dB (A-Weighted) Sigma-Delta DAC,
PWM Output.
• Built-in I
2C Master/Slave Control Interface.
• Built-in UART Interface to communicate with i-Pod.
• Built-in external I
2S input for optional audio input
sources, and support one I
2S output connecting an
external advanced audio controller or stand-alone
sigma-delta DAC controller.
• Packages: 100 Pins LQFP
BLOCK DIAGRAM
USB 2.0
FS-PHY
PLL
I2C Master
& Slave
Regulator
DMA
MCU
8051
RAM
ROM
SFR
GPIO
MP3/WMA/AAC
Decoder
Host
SIE
PWM_LP/LN
PWM_RP/RN
Power
DP
DM
I2C
UART
VCC
GPIO
System Clks
I2S_INPUT
Data
FIFO
Parallel
Flash I/F
SD/MMC
Host I/F
PLL
12 MHz
Master Clks
Delta
Sigma
DAC
Reset
Reset
POR
PCM-Data
PCM-Data (WAV)
External Program
Flash-Memory
SD/MMC
Card
I2S_OUT
I2S_INPUT
PWM_OUT
Audio
Buffer
I2S Stream


Similar Part No. - PT8921

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8921 PTC-PT8921 Datasheet
481Kb / 4P
Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
PT8921-LQ PTC-PT8921-LQ Datasheet
481Kb / 4P
Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
PT8921 PTC-PT8921_10 Datasheet
481Kb / 4P
Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
More results

Similar Description - PT8921

ManufacturerPart #DatasheetDescription
logo
Winbond
W86L388D WINBOND-W86L388D Datasheet
386Kb / 28P
W86L388D Winbond Host Interface SD/MMC Memory Card Bridge
logo
List of Unclassifed Man...
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
USB 1.1 USB Host with MP3 Interface Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
logo
Actel Corporation
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
EP550 SDIO/SD Memory/MMC Host Controller
logo
Princeton Technology Co...
PT8921 PTC-PT8921_10 Datasheet
481Kb / 4P
Smart Audio Combo-Station with USB Mini-Host & SD/MMC Host Interface Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
logo
Nanjing Qinheng Microel...
CH370 WCH-CH370 Datasheet
151Kb / 9P
USB-Host Interface chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com