Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC8SD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC8SD
Description  TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC8SD Datasheet(HTML) 4 Page - Motorola, Inc

  MAC8SD Datasheet HTML 1Page - Motorola, Inc MAC8SD Datasheet HTML 2Page - Motorola, Inc MAC8SD Datasheet HTML 3Page - Motorola, Inc MAC8SD Datasheet HTML 4Page - Motorola, Inc MAC8SD Datasheet HTML 5Page - Motorola, Inc MAC8SD Datasheet HTML 6Page - Motorola, Inc MAC8SD Datasheet HTML 7Page - Motorola, Inc MAC8SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC8S SERIES
4
Data Sheets
Motorola Thyristor Device Data
400
450
500
550
600
650
700
750
800
80
90
100
110
120
130
Figure 10.0 Typical Exponential Static dv/dt Versus
Peak Voltage, MT2(+)
VPK, Peak Voltage (Volts)
100
105
110
115
120
125
120
130
70
80
90
100
110
Figure 11.0 Typical Exponential Static dv/dt Versus
Junction Temperature, MT2(+)
TJ, Junction Temperature (°C)
400
450
500
550
600
650
700
750
800
100
150
200
250
300
350
Figure 12.0 Typical Exponential Static dv/dt Versus
Peak Voltage, MT2(–)
VPK, Peak Voltage (Volts)
100
105
110
115
120
125
50
100
250
300
350
Figure 13.0 Typical Exponential Static dv/dt Versus
Junction Temperature, MT2(–)
TJ, Junction Temperature (°C)
120
°C
110
°C
TJ = 100°C
RG – MT1 = 510W
100
200
300
400
500
600
700
800
900
1000
60
80
100
120
140
Figure 9.0 Typical Exponential Static dv/dt Versus
Gate–MT1 Resistance, MT2(+)
RGK, GATE–MT1 RESISTANCE (OHMS)
160
180
200
600V
800V
VPK = 400V
TJ = 110°C
120
°C
110
°C
TJ = 100°C
RG – MT1 = 510W
800V
600V
VPK = 400V
RG – MT1 = 510W
200
150
800V
600V
VPK = 400V
RG – MT1 = 510W
100
200
300
400
500
600
100
250
300
Figure 14.0 Typical Exponential Static dv/dt Versus
Gate–MT1 Resistance, MT2(–)
RGK, GATE–MT1 RESISTANCE (OHMS)
200
150
800V
600V
VPK = 400V
TJ = 110°C
700
800
900
1000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com