Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLH Datasheet(PDF) 1 Page - MMD Components

Part # MLH
Description  Ceramic J-Lead HCMOS/TTL Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MLH Datasheet(HTML) 1 Page - MMD Components

  MLH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MLH021908E
MLH SERIES – Ceramic J-Lead HCMOS/TTL Oscillator
Hermetically Sealed Ceramic SMD
Package
Wide Frequency Range
Available to -55°C to +125°C Operating
RoHS Compliant Available
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.000MHZ to 70.000MHZ
Frequency Stability (Inclusive of Temp., Load, Voltage and Aging)
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Waveform
HCMOS
TTL
Logic “0”
10% Vdd max
0.5V max
Logic “1”
90% Vdd min
2.5V max
Symmetry
40%/60% Optional 45%/55%
50% of wavefrom w/HCMOS Load
40%/60% Optional 45%/55%
1.4Vdc w/TTL Load
Load
+3.3VDC =5 TTL or 30 pF max / +5.0VDC = 10 TTL Gates or 50pF Load max
Rise / Fall Time (20% to 80%)
10 nSec max
Start Time
10 mSec min
Supply Voltage (Vdd)
+3.3 VDC ±10%
+5.0 VDC 10%
Jitter
Option 1 = 1 pSec typ / Option P = 10 pSec typ
Supply Current Chart
Frequency Range
Current
Supply
Frequency Range
Current (mA)
Supply
1.000MHZ to 25.000MHz
9mA max
+5.00 VDC
1.000MHZ to 30.000MHz
10mA max
+3.3 VDC
25.000MHZ to 40.000MHZ
20mA max
+5.00 VDC
30.000MHZ to 50.000MHZ
20mA max
+3.3 VDC
40.000MHZ to 70.000MHZ
30mA max
+5.00 VDC
50.000MHZ to 70.000MHZ
30mA max
+3.3 VDC
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS:
Humidty
85% RH, 85°C, 48 Hours
Hermetic Seal
Leak Rate 2 X 10-8 ATM-cm3/sec max
Solderability
MIL-STD-202G, Method 208
Reflow Solderability
260°C for 10 seconds
Vibration
MIL-STD-202G, Method 204 35G, 50 to 2000 Hz
Shock
MIL-STD-202G, Method 203 Test Cond E, 1000G’s, ½ Sinewave
MIL-STD-883
Available with Level B Screening
MECHANICAL DIMENSIONS:
External Bypass Capacitor is Recommended
Dimension in Brackets are in Inches
Recommended
Land Pattern
9.80 [.386]
MAX
14.00 [.551]
MAX
4.70 [.185]
MAX
5.08 [.200]
0.84 [.033]
DENOTES PIN 1
1
23
4
7.87 [.310]
5.08 [.200]
1.02 [.040]
2.50 [.098]
7.62 [.300]
PIN 4
PIN 3
SUPPLY VOLTAGE
OUTPUT
PIN CONNECTIONS
PIN 2
PIN 1
TRI-STATE
GROUND
PART NUMBERING GUIDE:
Output
H = HCMOS
Symmetry *
Blank = 40/60%
A = 45/55%
B = 47.5/52.5%
Pin 1 Connection
Blank = No Connection
H = Tri-state
Ceramic SMD 4 J-Lead
ML
Frequency
Option B (47.5/52.5%) Avaible up to 50MHz only
Please Consult with MMD Sales Department for any other Parameters or Options
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
55 = -55°C to +125°C
H
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Jitter
Supply Voltage
5 = +5.0VDC
3 = +3.3VDC
RoHS Compliant
Blank = Not Compliant
F = is Compliant
1 = 1 pSec typ
P = 10 pSec typ
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MLH

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
MLH-10X COMPUTAR-MLH-10X Datasheet
410Kb / 1P
10X for 1/2 type Cameras, Macro Zoom C-Mount
2004.5
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH006PGB01A HONEYWELL-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH006PGB01A HONEYWELL-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH006PGB01A HONEYWELL-ACC-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
More results

Similar Description - MLH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
CTS Corporation
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
OCH ETC2-OCH Datasheet
31Kb / 1P
5X7X1.6mm / SMD / HCMOS/TTL Oscillator
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
HCMOS/TTL Oscillator
logo
Oscilent Corporation
420-12.0M-3DC-T OSCILENT-420-12.0M-3DC-T Datasheet
150Kb / 3P
Plastic J-Lead HCMOS / TTL Output
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
HCMOS/TTL Oscillator
logo
CTS Corporation
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
HCMOS/TTL Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com