Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162-16AI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 10Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 11Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 12Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 13Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 14Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 15Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 16Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 17Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
2513KS–AVR–07/09
ATmega162/V
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive).Also Halide free and fully Green.
3. See Figure 113 on page 266.
4. See Figure 114 on page 266.
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
8(3)
1.8 - 5.5V
ATmega162V-8AI
ATmega162V-8PI
ATmega162V-8MI
ATmega162V-8AU(2)
ATmega162V-8PU(2)
ATmega162V-8MU(2)
44A
40P6
44M1
44A
40P6
44M1
Industrial
(-4
0
°C to 85°C)
16(4)
2.7 - 5.5V
ATmega162-16AI
ATmega162-16PI
ATmega162-16MI
ATmega162-16AU(2)
ATmega162-16PU(2)
ATmega162-16MU(2)
44A
40P6
44M1
44A
40P6
44M1
Industrial
(-4
0
°C to 85°C)
Package Type
44A
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com