Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTDS320D Datasheet(PDF) 2 Page - MMD Components

Part # MTDS320D
Description  5 x 7 Ceramic SMD TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTDS320D Datasheet(HTML) 2 Page - MMD Components

  MTDS320D Datasheet HTML 1Page - MMD Components MTDS320D Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice
Revision MTD041907E
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
15
20
25
30
35
50
Code
Temp
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±3.5ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
●
●
●
G
0°C TO +70°C
●
●
●
●
●
C
-20°C TO +70°C
●
●
●
●
D
-30°C TO +70°C
●
●
●
●
E
-30°C TO +80°C
●
●
●
●
F
-40°C TO +85°C
●
●
●
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
7.20 [.283]
MAX
SUPPLY VOLTAGE
TRI-STATE OR N/C
5.20 [.205]
MAX
2.00 [.079]
MAX
5.08 [.200]
2.54 [.100]
4.20 [.165]
2.00 [.079]
1.80 [.071]
5.08 [.200]
PIN 4
PIN 3
PIN 2
PIN 1
OUTPUT
GROUND
1.00 [.039]
1.70 [.069]
1.70 [.067]
12
43
5
6
7
8
RECOMMENDED LAND PATTERN
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
PIN 5-8 FACTORY TEST
TERMINALS (DO NOT USE)
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Condition A
TAPE and DIMENSIONS:
MARKING:
1.75 [.069]
Ø1.50 [Ø.059]
DIMENSION IN BRACKETS ARE IN INCHES
DRAWING NOT TO SCALE
4.00 [.157]
12.00 [.472]
12.10 [.476]
10.20 [.402]
Ø1.50 [Ø.059]
2.00 [.079]
120°
40.16 [1.581]
DETAIL A
2.20 [.087]
0.30 [.012]
24.00 [.945]
11.50 [.453]
12.60 [.496]
2.76 [.109]
2.13 [.084]
1.26 [.050]
Ø8.19 [Ø.322]
13.23 [.521]
DETAIL A
Line 1 =MXXXXX
M = MMD COMPONENTS
XXXXX = Frequency in MHZ
Line 2 = SYYMML
S = Internal Code
YYMM = 4 Digit Date Code (Year / Month)
L = Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com