Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCSMC Datasheet(PDF) 1 Page - MMD Components

Part # WCSMC
Description  4 Pad Ceramic SMD Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WCSMC Datasheet(HTML) 1 Page - MMD Components

  WCSMC Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision WCSMC061509H
WCSMC Series Crystal
4 Pad Ceramic SMD Package
Tuning Fork Crystal
Tight Tolerance and Stability
Tape and Reel Packaging
ELECTRICAL SPECIFICATIONS:
Frequency
32.768kHz
Frequency Tolerance
See Part Number Guide Below
Turnover Temperature (To)
25°C ±5°C
Frequency Stability
-0.034(±0.006)ppm/°C
2(T-To)2
Operating Temperature Range
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Shunt Capacitance
1.35pF Typ
Motional Capacitance
3.0fF Typ
Equivalent Series Resistance (ESR)
50K Ohms
Load Capacitance
12.5pF or 6pF
Drive Level
1µW max
Capacitance Radio (CO/C1)
450 Typ
Aging
±3ppm / 1
st Yr Max
Insulation Resistance
500 Mega ohms Min at 100VDC ±15VDC
Hermeticity of Seal
1 x 10
-2 mPa (m3/s) Max
Shock Resistance
±5ppm max (drop test onto a hard wooden board from 75cm)
Moisture Sensitivity Level
3
MECHANICALS DETAIL:
8.00 [.315]
MAX
3.20 [.126]
MAX
0.50 [.020]
5.50 [.217]
3.80 [.150]
MAX
2.54 [.100]
MAX
0.90 [.035]
1.30 [.051]
1.90 [.075]
4.20 [.165]
1.30 [.051]
12
3
43
4
12
INTERNAL CONNECTION
RECOMMENDED
LAND PATTERN
DIMENSION IN BRACKETS
ARE IN INCHES
PART NUMBER GUIDE:
32.768KHZ
Please consult with MMD sales department for any other parameters or options.
WCSMC
Frequency Tolerance
Blank = ±20 ppm
C = ±10 ppm
B = ±5 ppm
Load Capacitance
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Blank = No Added Options
T = Tape and Reel
Value Added Options
Blank = 12.5pF
6 = 6pF
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - WCSMC

ManufacturerPart #DatasheetDescription
logo
MMD Components
WCSMC MMD-WCSMC Datasheet
85Kb / 2P
WCSMC Series Crystal
WCSMC MMD-WCSMC Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
WCSMC MMD-WCSMC_13 Datasheet
85Kb / 2P
WCSMC Series Crystal
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
More results

Similar Description - WCSMC

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
4 Pad Ceramic Package, 5.5 mm x 11.9 mm
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2 mm x 2.5 mm
logo
List of Unclassifed Man...
QC3 ETC2-QC3 Datasheet
233Kb / 2P
2.5x3.2 4-Pad SMD All Ceramic Crystal Unit
logo
MMD Components
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
logo
Suntsu Electronics, Inc...
SXO11C SUNTSU-SXO11C Datasheet
724Kb / 4P
Ceramic SMD 4 Pad CMOS Oscillator
SXO21C SUNTSU-SXO21C Datasheet
733Kb / 4P
Ceramic SMD 4 Pad CMOS Oscillator
SXO22C SUNTSU-SXO22C Datasheet
685Kb / 4P
Ceramic SMD 4 Pad CMOS Oscillator
SXO32C SUNTSU-SXO32C Datasheet
673Kb / 4P
Ceramic SMD 4 Pad CMOS Oscillator
SXO53C SUNTSU-SXO53C Datasheet
674Kb / 4P
Ceramic SMD 4 Pad CMOS Oscillator
SXO75C SUNTSU-SXO75C Datasheet
700Kb / 4P
Ceramic SMD 4 Pad CMOS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com