Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC018 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT88SC018
Description  CryptoCompanion??Chip for CryptoMemory and CryptoRF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC018 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT88SC018 Datasheet HTML 17Page - ATMEL Corporation AT88SC018 Datasheet HTML 18Page - ATMEL Corporation AT88SC018 Datasheet HTML 19Page - ATMEL Corporation AT88SC018 Datasheet HTML 20Page - ATMEL Corporation AT88SC018 Datasheet HTML 21Page - ATMEL Corporation AT88SC018 Datasheet HTML 22Page - ATMEL Corporation AT88SC018 Datasheet HTML 23Page - ATMEL Corporation AT88SC018 Datasheet HTML 24Page - ATMEL Corporation AT88SC018 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
CryptoCompanion Chip
21
5277C–CryptoCompanion–9/09
Table 31.
Inputs
Table 32.
Outputs
3.10.
GetRandom
The AT88SC018 generates a 20 byte random number using its internal high quality random number generator and
outputs this value. There is no restriction on the system as to where these random numbers may be used – their
cryptographic quality makes them suitable for any operation on the system in addition to the CRF operations.
When the AT88SC018 is unlocked, the random numbers generated will follow a predictable pattern based on the state
of the RNGSeed EEPROM value and the number of power cycles since this seed has been written. This mechanism
facilitates testing.
Table 33.
Inputs
Table 34.
Outputs
3.11.
IncrementCounter
Increment the value of the specified counter by 1.
Table 35.
Inputs
Table 36.
Outputs
Name
Size
Description
Size
1
One less than the number of bytes to be sent through crypto engine. If this byte is 0 grind
1 byte, if 0x13 grind 20 bytes. If
≥ 0x14, return BadCmd.
Data
⎯
Crypto engine input bytes, maximum 20.
Name
Size
Description
Data
⎯
Crypto engine output bytes, maximum 20.
Name
Size
Description
Name
Size
Description
Data
20
Random bytes from the RNG
Name
Size
Description
Counter
1
Counter index to be incremented, must be from 0-3. The upper 4 bits of this parameter are
ignored.
Name
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com