Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC8SM Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC8SM
Description  TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC8SM Datasheet(HTML) 2 Page - Motorola, Inc

  MAC8SM Datasheet HTML 1Page - Motorola, Inc MAC8SM Datasheet HTML 2Page - Motorola, Inc MAC8SM Datasheet HTML 3Page - Motorola, Inc MAC8SM Datasheet HTML 4Page - Motorola, Inc MAC8SM Datasheet HTML 5Page - Motorola, Inc MAC8SM Datasheet HTML 6Page - Motorola, Inc MAC8SM Datasheet HTML 7Page - Motorola, Inc MAC8SM Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC8S SERIES
2
Data Sheets
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, Gate Open)
TJ = 25°C
TJ = 110°C
IDRM
—
—
—
—
0.01
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage* (ITM =  11A)
VTM
—
—
1.85
Volts
Continuous Gate Trigger Current (VD = 12 V, RL = 100Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IGT
.8
.8
.8
2.0
3.0
3.0
5.0
5.0
5.0
mA
Hold Current (VD = 12V, Gate Open, Initiating Current =  150mA)
IH
1.0
3.0
10
mA
Latching Current (VD = 24V, IG = 5mA)
MT2(+), G(+)
MT2(–), G(–)
MT2(+), G(–)
IL
2.0
2.0
2.0
5.0
10
5.0
15
20
15
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
VGT
0.45
0.45
0.45
0.62
0.60
0.65
1.5
1.5
1.5
Volts
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off–State Voltage
(VD = 400V, ITM = 3.5A, Commutating dv/dt = 10Vm/sec,
Gate Open, TJ = 110_C, f= 500 Hz, Snubber: CS = 0.01 mF, RS = 15W,
see Figure 16.)
(dv/dt)c
8.0
10
—
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = Rate VDRM, Exponential Waveform, RGK = 510W, TJ = 110°C)
dv/dt
25
75
—
V/
ms
* Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.
0
2
4
6
8
10
12
60
70
80
90
100
110
Figure 1.0 RMS Current Derating
IT(RMS), RMS ON–STATE CURRENT (AMPS)
90
°
DC
a = 30 and 60°
0
2
4
6
8
10
12
0
5
10
15
20
25
Figure 2.0 Maximum On–State Power Dissipation
IT(RMS), RMS ON–STATE CURRENT (AMPS)
90
°
60
°
α
α
a = CONDUCTION ANGLE
180
°
120
°
180
°
a = 30°
α
α
a = CONDUCTION ANGLE
DC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com