Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSCA3 Datasheet(PDF) 1 Page - MMD Components

Part # JSCA3
Description  5mm X 3.2mm X 4 Pads Ceramic Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

JSCA3 Datasheet(HTML) 1 Page - MMD Components

  JSCA3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision 01/30/07 D
J Series Crystal
5mm X 3.2mm X 4 Pads Ceramic Package
Wide Frequency Range
Tight Tolerance and Stability
Tape and Reel Packaging
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR (Ohms)
Mode / Cut
10.000MHz to 12.000MHz
70 Max
Fund / AT
12.000MHz to 16.000MHz
70 Max
Fund / AT
16.000MHz to 30.000MHz
60 Max
Fund / AT
30.000MHz to 50.000MHz
40 Max
Fund / AT
MARKING:
Frequency Range
10.000MHZ to 50.000MHZ
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±3ppm per year max
Shunt Capacitance
7pF Max
Load Capacitance
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental
Drive Level
100µW Typical
Insulation Resistance
500 Megaohms Min at 100VDC
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
MECHANICALS DETAIL:
5.20 [.205]
MAX
1.20 [.047]
MAX
3.40 [.134]
MAX
2.60 [.102]
0.90 [.035]
1.20 [.047]
1.40 [.055]
3.40 [.134]
2.20 [.087]
2.00 [.079]
1.20 [.047]
1
2
34
RECOMMENDED
LAND PATTERN
CRYSTAL
NO CONNECTION
CRYSTAL
NO CONNECTION
PIN CONNECTIONS
PIN 1
PIN 2
PIN 3
PIN 4
DIMENSION IN BRACKETS ARE IN INCHES
PART NUMBER GUIDE:
Frequency
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
Value Added Options
Blank = No Added Options
T = Tape and Reel
Mode of Operation
1 = Fundamental
5mm X 3.2mm x 1.2mm
4 Pads
J
Load Capacitance
S = Series
16 = 16pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm**
E = ±50 ppm / ±50 ppm
F = ±30 ppm / ±30 ppm
1
* Please consult with MMD sales department for any other parameters or options.
** Not all Frequency Tolerance/Stability options available at this temperature range.
*** Not available in the 20MHZ - 40MHZ range.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - JSCA3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
JSCKA0002A ALPS-JSCKA0002A Datasheet
112Kb / 3P
Connector for CMOS Camera Module
More results

Similar Description - JSCA3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXC1 VECTRON-VXC1 Datasheet
127Kb / 2P
VXC1 7 x 5 x 1.7mm 4 pads
VXC4 VECTRON-VXC4 Datasheet
128Kb / 2P
VXC4 7 x 5 x 1.1mm 4 pads
logo
MMD Components
XSAA1 MMD-XSAA1 Datasheet
74Kb / 1P
2mm X 2.5mm 4 Pads Ceramic Package
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
5mm X 7mm X 4 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
logo
Vectron International, ...
VXC1-1133-26M5625000 VECTRON-VXC1-1133-26M5625000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M000000 VECTRON-VXC1-1134-25M000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M0000000 VECTRON-VXC1-1134-25M0000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
logo
MMD Components
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
5mm x 7mm 6 Pads Ceramic Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com