Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSCB3 Datasheet(PDF) 1 Page - MMD Components

Part # GSCB3
Description  5mm X 7mm X 4 Pads Ceramic Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

GSCB3 Datasheet(HTML) 1 Page - MMD Components

  GSCB3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision 01/30/07 F
G Series Crystal
5mm X 7mm X 4 Pads Ceramic Package
Wide Frequency Range
Tight Tolerance and Stability
Tape and Reel Packaging
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR (Ohms)
Mode / Cut
6.000MHZ to 6.999MHZ
120 Max
Fund / AT
7.000MHZ to 7.999MHZ
110 Max
Fund / AT
8.000MHZ to 8.999MHZ
100 Max
Fund / AT
9.000MHZ to 9.999MHZ
90 Max
Fund / AT
10.000MHZ to 10.999MHZ
80 Max
Fund / AT
11.000MHZ to 11.999MHZ
70 Max
Fund / AT
12.000MHZ to 15.999MHZ
60 Max
Fund / AT
16.000MHZ to 39.999MHZ
40 Max
Fund / AT
40.000MHZ to 83.999MHZ
70 Max
3
rd OT / AT
84.000MHZ to 100.000MHZ
60 Max
3
rd OT / AT
MARKING:
Frequency Range
6.000MHZ to 100.000MHZ
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±5ppm / first year Max
Shunt Capacitance
7pF Max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental, or 3
rd OT
Drive Level
1µW Typical
Insulation Resistance
500 Megaohms Min at 100VDC
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
MECHANICALS DETAIL:
Marking
7.20 [.283]
MAX
1.40 [.055]
Case Ground
Pin 2
1.10 [.043]
2.54 [.100]
1.00 [.039]
5.20 [.205]
MAX
Dimension in Brackets are in Inches
21
Recommended
Land Pattern
2.20 [.087]
Case Ground
Pin 4
Pin 3 Crystal
4.60 [.181]
1.30 [.051]
MAX
34
4.10 [.161]
Pin Connections
Pin 1 Crystal
PART NUMBER GUIDE:
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
N = ±10 ppm / ±10 ppm
Frequency
* Please consult with MMD sales department for any other parameters or options.
** Not all Frequency Tolerance/Stability options available at this temperature range.
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
Value Added Options
Blank = No Added Options
T = Tape and Reel
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
5mm X 7mm x 1.3mm
4 Pads
G
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - GSCB3

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GSCB6 GPSEMI-GSCB6 Datasheet
215Kb / 3P
SCR CONTROL BOARD
GSCB6-C GPSEMI-GSCB6-C Datasheet
204Kb / 2P
RS485 & CANBUS communication interface board.
GSCB6-C GPSEMI-GSCB6-C_17 Datasheet
176Kb / 2P
RS485 & CANBUS communication
GSCB6 GPSEMI-GSCB6_17 Datasheet
156Kb / 2P
SCR CONTROL BOARD
More results

Similar Description - GSCB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI3050H48 ETC1-MI3050H48 Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
logo
MMD Components
MVIH MMD-MVIH Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
XSAA1 MMD-XSAA1 Datasheet
74Kb / 1P
2mm X 2.5mm 4 Pads Ceramic Package
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
JSAA1 MMD-JSAA1 Datasheet
88Kb / 1P
5mm X 3.2mm X 4 Pads Ceramic Package
logo
Vectron International, ...
VXC1-1133-26M5625000 VECTRON-VXC1-1133-26M5625000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M0000000 VECTRON-VXC1-1134-25M0000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
logo
MMD Components
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
5mm x 7mm 6 Pads Ceramic Package
logo
LUMEX INC.
OED-HPIRC572L140 LUMEX-OED-HPIRC572L140 Datasheet
74Kb / 1P
5mm X 7mm Right Angle PhotoDiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com