Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSS350DV Datasheet(PDF) 2 Page - MMD Components

Part # MTSS350DV
Description  3.2 X 2.5 Ceramic SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTSS350DV Datasheet(HTML) 2 Page - MMD Components

  MTSS350DV Datasheet HTML 1Page - MMD Components MTSS350DV Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice
Revision MTSS030508I
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
G
0°C TO +70°C
●
●
●
C
-20°C TO +70°C
●
●
●
D
-30°C TO +70°C
●
●
●
E
-30°C TO +80°C
●
●
●
F
-40°C TO +85°C
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
External Bypass Capacitor is Recommended
Dimension in Brackets are in Inches
0.83 [.033]
2.70 [.106]
MAX
MARKING
3.40 [.134]
MAX
0.90 [.035]
MAX
0.70 [.028]
0.25 [.010]
0.51 [.020]
NOTE 1
IF VC OPTION IS NOT USED, THIS
PIN MUST BE GROUNDED OR
FREQUENCY WILL SHIFT.
1.20 [.047]
GROUND PLANE UNDER OSCILLATOR
0.40 [.016]
2
1
0.30 [.012]
0.60 [.024]
Recommended
Land Pattern
PIN 1
PIN 2
PIN 3
PIN 4
2.24 [.088]
3
4
2.65 [.104]
GRD OR VC (NOTE 1)
SUPPLY VOLTAGE
PIN CONNECTIONS
GND
OUTPUT
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
TAPE and DIMENSIONS:
PHASE NOISE:
TAPE AND REEL
DIMENSIONS
COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com