Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGISTR Datasheet(PDF) 11 Page - Champion Microelectronic Corp.

Part # CM6800AGISTR
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGISTR Datasheet(HTML) 11 Page - Champion Microelectronic Corp.

Back Button CM6800AGISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 10Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 11Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 12Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 13Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 14Page - Champion Microelectronic Corp. CM6800AGISTR Datasheet HTML 15Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 11
ZCI: Compensation Net Work for the Current Loop
GMI: Transconductance of IEAO
VOUTDC: PFC Boost Output Voltage; typical designed value
is 380V and we use the worst condition to calculate the ZCI
RS: The Sensing Resistor of the Boost Converter
2.5V: The Amplitude of the PFC Leading Modulation Ramp
L: The Boost Inductor
There is a modest degree of gain contouring applied to the
transfer characteristic of the current error amplifier, to
increase
its
speed
of
response
to
current-loop
perturbations. However, the boost inductor will usually be
the dominant factor in overall current loop response.
Therefore, this contouring is significantly less marked than
that of the voltage error amplifier. This is illustrated in the
Typical Performance Characteristics.
ISENSE Filter, the RC filter between RS and ISENSE :
There are 2 purposes to add a filter at ISENSE pin:
1.) Protection: During start up or inrush current
conditions, it will have a large voltage cross Rs
which is the sensing resistor of the PFC boost
converter. It requires the ISENSE Filter to attenuate
the energy.
2.) To reduce L, the Boost Inductor: The ISENSE Filter
also can reduce the Boost Inductor value since the
ISENSE Filter behaves like an integrator before going
ISENSE which is the input of the current error
amplifier, IEAO.
The ISENSE Filter is a RC filter. The resistor value of the ISENSE
Filter is between 100 ohm and 50 ohm because IOFFSET x the
resistor can generate an offset voltage of IEAO. By selecting
RFILTER equal to 50 ohm will keep the offset of the IEAO less
than 5mV. Usually, we design the pole of ISENSE Filter at
fpfc/6, one sixth of the PFC switching frequency. Therefore,
the boost inductor can be reduced 6 times without disturbing
the stability. Therefore, the capacitor of the ISENSE Filter,
CFILTER, will be around 283nF.
Figure 2. Compensation Network Connections for the
Voltage and Current Error Amplifiers
Figure 3. External Component Connections to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com