Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16WS Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # BAV16WS
Description  SOD-323 Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

BAV16WS Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  BAV16WS Datasheet HTML 1Page - Daya Electric Group Co., Ltd. BAV16WS Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-323 Plastic-Encapsulate Diodes
BAV16WS/1N4148WS FAST SWITCHING DIODES
+
FEATURES
MARKING: T6, T4
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
100
V
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak forward surge current @=1.0μs
@=1.0s
IFSM
2.0
1.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
℃
/W
Junction temperature
Tj
125
℃
Storage temperature
TSTG
-65~+150
℃
Electrical Ratings @TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=50mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
1
μA
VR=75V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOD-323
-


Similar Part No. - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV16WS DIODES-BAV16WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
BAV16WS DIODES-BAV16WS Datasheet
350Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 10 - 2
logo
Won-Top Electronics
BAV16WS WTE-BAV16WS Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAV16WS TSC-BAV16WS Datasheet
54Kb / 2P
Fast Switching Surface Mount Diode
More results

Similar Description - BAV16WS

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS WILLAS-1N4148WS Datasheet
481Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817WS-1A-SOD-323 DGNJDZ-B5817WS-1A-SOD-323 Datasheet
572Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS DGNJDZ-1N4148WS_V01 Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
B5817WS DGNJDZ-B5817WS_V01 Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com