Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSS210EV Datasheet(PDF) 1 Page - MMD Components

Part # MTSS210EV
Description  3.2 X 2.5 Ceramic SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTSS210EV Datasheet(HTML) 1 Page - MMD Components

  MTSS210EV Datasheet HTML 1Page - MMD Components MTSS210EV Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Revision MTSS030508I
MTSS Series – 3.2 X 2.5 Ceramic SMD VCTCXO
Low Profile SMD Device
Hermetically Sealed
Tight Stability Over Temperature
Excellent Phase Noise
ELECTRICAL SPECIFICATIONS:
Frequency Range
14.400MHZ TO 32.734MHZ
Frequency Stability vs Temperature*
(See Frequency Stability vs Temperature Table)
Operating Temperature Range
(See Frequency Stability vs Temperature Table)
Storage Temperature Range
-40°C to +85°C
Aging
±1.0 per year
Supply Voltage
+2.80VDC
+3.00VDC
Supply Current
2mA max
Output Type
Clipped Sinewave
Output Level
0.8 Vp-p min
Output Load
10k Ohms//10pF
Control Voltage
Vc = +1.40VDC
+0.40VDC to +2.40VDC
Vc = +1.5VDC
+0.50VDC to +2.50VDC
Frequency Tunning Range
±8 ppm to ±15 ppm
Phase Noise
100Hz
-115dBc/Hz
1kHz
-135dBc/Hz
10kHz
-145dBc/Hz
* Inclusive of Temperature., Load, Voltage and Aging
PART NUMBER GUIDE:
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Frequency
Stability
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Operating
Temperature
Blank = Ground*
V = Voltage Control
Pin 1 Connection
Packaging
Blank = Bulk
T = Tape and Reel
3 = +3.0 VDC
2 = +2.8 VDC
Supply Voltage
S = Clipped Sinewave
Output
3.2 x 2.5 Ceramic SMD
Frequency
MTS
S
Please Consult with MMD Sales Department for any other Parameters or Options
*If no Voltage Control is specified, Pin 1 must be grounded.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTSS210EV

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTSS MMD-MTSS Datasheet
134Kb / 2P
MTSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
logo
Marktech Corporate
MTSS10000 MARKTECH-MTSS10000 Datasheet
135Kb / 4P
SLOTTED SWITCH
MTSS10010 MARKTECH-MTSS10010 Datasheet
151Kb / 5P
SLOTTED SWITCH
logo
List of Unclassifed Man...
MTSS10015610D ETC-MTSS10015610D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
More results

Similar Description - MTSS210EV

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
3.2 x 2.5 SMD Ceramic HCMOS Output
logo
MMD Components
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTBS MMD-MTTBS Datasheet
411Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
MTSS MMD-MTSS_13 Datasheet
134Kb / 2P
MTSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
MTTAS MMD-MTTAS_12 Datasheet
209Kb / 2P
MTTAS Series ??5 X 3.2 Ceramic SMD VCTCXO
MTVSS MMD-MTVSS_12 Datasheet
122Kb / 2P
MTVSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
logo
Transko Electronics, In...
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com