Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6901XIP Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CM6901XIP
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901XIP Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CM6901XIP Datasheet HTML 1Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901XIP Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2009/11/02 Rev1.4
Champion Microelectronic Corporation
Page 2
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6901GIS*
-40℃ to 125℃
16-Pin SOP (S16)
CM6901GISTR*
-40℃ to 125℃
16-Pin SOP (S16)
CM6901GIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6901XIS*
-40℃ to 125℃
16-Pin SOP (S16)
CM6901XISTR*
-40℃ to 125℃
16-Pin SOP (S16)
CM6901XIP*
-40℃ to 125℃
16-Pin PDIP (P16)
*Note : G : Suffix for Pb Free Product
X : Suffix for Halogen Free and PB Free Product
TR : Package is Typing Reel
BLOCK DIAGRAM
VFB
2
-
+
.
D IN+
5
CLK
SRDRVB
11
2.5V
UVLO/REF
ILim
+
-
.
+
-
.
VREF
16
ILIM
8
-
+
.
-
SHDN
-
+
.
1.25V
OSC
10uA
RTCT
9
Logic
GND
10
1V
+
-
.
V Tol
1V
PRIDRV
14
CSS
7
VCC
15
SRDRV
12
DEAO
6
FEAO
3
RSET
1
PRIDRVB
13
D IN-
4
VCC
1.5V
CM6901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com