Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N3FSAB2 Datasheet(PDF) 1 Page - MMD Components

Part # N3FSAB2
Description  Industry Standard Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

N3FSAB2 Datasheet(HTML) 1 Page - MMD Components

  N3FSAB2 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision N050107E
N Series Crystal
Industry Standard Package
AT and BT Cut
RoHS Compliant Available
Replaces MA-505 and MA-506
Resistance Weld
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
3.200MHz to 91.730MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-55°C to +125°C
Aging
±5ppm / first year max
Shunt Capacitance
7pF Max
Load Capacitance
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental, or 3rd OT
Drive Level
1mW Max
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Frequency Range
ESR
(Ohms)
Mode / Cut
3.200MHz to 4.999MHz
200 Max
Fund / AT
5.000MHz to 5.999MHz
150 Max
Fund / AT
6.000MHz to 7.999MHz
120 Max
Fund / AT
8.000MHz to 8.999MHz
90 Max
Fund / AT
9.000MHz to 9.999MHz
80 Max
Fund / AT
10.000MHz to 16.999MHz
50 Max
Fund / AT
17.000MHz to 24.999MHz
40 Max
Fund / AT
25.000MHz to 36.000MHz
25 Max
Fund / AT
24.000MHz to 40.000MHz
80 Max
Fund / BT
24.000MHz to 34.999MHz
100 Max
3rd OT / AT
35.000MHz to 59.999MHz
80 Max
3rd OT / AT
60.000MHz to 91.730MHz
60 Max
3rd OT / AT
MECHANICAL DETAILS:
MARKING:
1.19 [.047]
1.30 [.051]
DIMENSION IN BRACKETS ARE IN INCHES
12.50 [.492]
MAX
9.00 [.354]
4.85 [.191]
MAX
3
N1 AND N2 = 5.00 [.197] MAX
N3 AND N4 = 4.00 [.157] MAX
4
9.00 [.354]
2.30 [.091]
2.20 [.087]
2
SQUARE CORNER DENOTES
PIN 1
3.50 [.138]
1
N2 AND N4 SERIES
4
1
2
3
N1 AND N3 SERIES
1
4
2
3
RECOMMENDED
LAND PATTERN
Line 1 = MXX.XXX
XX.XXX
=
Frequency in MHZ (5
digits)
Line 2 = ZZXXXMY
ZZ
=
N Series Identifier (N1,
N2, N3, N4)
XXX
=
Manufacturing Identifier
MY
=
Date Code
(Month/Year)
PART NUMBER GUIDE:
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Operating Temperature
A = 0°C to +70°c
B = -20°C to +70°c
C = -40°C to +85°c
Packaging
Blank = Bulk
T = Tape and Reel
Load Capacitance
S = Series
XX = XXpF (8pF to 50pF)
20 = 20pF (Standard)
T = ±5 ppm / ±10 ppm
E = ±50 ppm / ±50 ppm
D = ±10 ppm / ±15 ppm
C = ±15 ppm / ±30 ppm
B = ±30 ppm / ±50 ppm
A = ±50 ppm / ±100 ppm
Tolerance/Stability*
Temperature
3 = 3rd Overtone
2 = BT Fundamental
1 = Fundamental
Mode of Operation
Frequency
N1, N2, N3, or N4
See Mechanical Details for
pin connection and height
Please Consult with MMD Sales Deparment for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Description - N3FSAB2

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com