Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA75F-5-R Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PAA75F-5-R
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PAA75F-5-R Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PAA75F-5-R Datasheet HTML 1Page - RSG Electronic Components GmbH PAA75F-5-R Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¡HARMONIC CURRENT (PAA75F-5)
¡EFFICIENCY (PAA75F-5)
¡HARMOINC CURRENT (PAA75F-5)
¡RISE TIME & FALL TIME
(PAA75F-5 )
DC Output
AC Input
Io=100%
50ms/DIV
ACIN 100V
80
84
76
72
68
64
60
56
52
0
100
140
180
220
260
300
Load factor
Load factor
100%
50%
INPUT VOLTAGE
V
010
20
30
40
0.01
0.001
0.1
1
10
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class D
(at odd number)
100%
100V
Load factor
Input voltage AC
Harmonic current standard class D
(at odd number)
100%
230V
HARMONIC ORDER
HARMONIC ORDER
PAA
A-51
PAA75F
External view
CN3
Connector for
Remote ON/OFF(option)
CN2
CN3
Connector for
Remote ON/OFF(option)
LED
CN1
+
-
FG
AC(L)
NC
AC(N)
175
M3
+
-
FG
AC(L)
AC(N)
15max
(12)
(15)
(24)
2-M3
3-M3
2-
º3.5
º4
125+
-0.5
125+
-0.5
159
5
35
3.5
7.5
175
187
20
Voltage adjust
Cover name plate
Name plate
Mounting hole
Name plate
Mounting hole
CN3 Option (Mfr : J.S.T.)
Pin No.
1
2
Contents
RC(+)
RC(-)
¶Weight: 500g or less(without cover)
¶Cover is optional
¶Tolerance
1
Model B2B-XH-A
Mating Connector(Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
(
(
+
-
Terminal cover
Connector type
Barrier strip type
¶Maximum 5A per pin of CN2 can be applied.
I/O Connector
CN1 5289-4A
5199-04
Chain: 5194PBT
Loose: 5194PBTL
CN2 5277-6A
5196-06
Chain: 5194PBT
(Mfr : Molex)
Mating Connector
Terminal
Loose: 5194PBTL
¶Mounting torque:0.49N.m(5.0kgf.cm)max
Cover(option)
Performance data
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com