Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA100F-5-R Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PAA100F-5-R
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PAA100F-5-R Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PAA100F-5-R Datasheet HTML 1Page - RSG Electronic Components GmbH PAA100F-5-R Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¡ HARMONIC CURRENT (PAA100F-5)
¡EFFICIENCY (PAA100F-5)
¡HARMOINC CURRENT (PAA100F-5)
¡RISE TIME & FALL TIME
(PAA100F-5 )
DC Output
AC Input
Io=100%
50ms/DIV
ACIN 100V
100%
50%
78
80
76
74
72
70
68
100
60
140
180
220
260
300
Load factor
Load factor
INPUT VOLTAGE
V
010
20
30
40
0.01
0.001
0.1
1
10
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
100V
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
230V
HARMONIC ORDER
HARMONIC ORDER
PAA
A-53
PAA100F
External view
¶CN1(Connector for Remote ON/OFF)
Model: B2B-XH-A
Short piece
Cover name plate
Terminal cover
Name plate
Mounting hole
Mounting hole
Voltage adjust
Cover
(option)
LED
CN1(option)
3-M4
2-M4
M4
(16)
(28)
(13.5)
+S
+V
-V
-S
FG
AC(L)
AC(N)
189
20
74
5.5
20max
125+
-0.5
100+
-0.5
12
Pin No.
1
2
Contents
+RC
-RC
¶Weight: 700g or less(without cover)
¶Cover is optional
¶Tolerance
1
¶Mounting torque:1.2N . m(12.8kgf . cm)max
Mating Connector(Terminal)
Mfr: J.S.T.
XHP-2(BXH-001T-P0.6
or SXH-001T-P0.6)
+
-
<Optional>
º4.5
Performance data
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com