Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC9D Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC9D
Description  TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC9D Datasheet(HTML) 3 Page - Motorola, Inc

  MAC9D Datasheet HTML 1Page - Motorola, Inc MAC9D Datasheet HTML 2Page - Motorola, Inc MAC9D Datasheet HTML 3Page - Motorola, Inc MAC9D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC9 SERIES
3–51
Motorola Thyristor Device Data
TJ, JUNCTION TEMPERATURE (°C)
– 50
– 30
10
50
90
110
130
100
1
Q2
10
– 10
30
70
Q1
Q3
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
100
0
0.5
1
1.5
2
2.5
3
4
5
10
1
0.1
MAXIMUM @ TJ = 125°C
TYPICAL AT
TJ = 25°C
MAXIMUM @ TJ = 25°C
t, TIME (ms)
1
0.1
0.01
1 · 104
1000
100
10
1
0.1
TJ, JUNCTION TEMPERATURE (°C)
1
0.4
– 50
– 30
– 10
10
70
110
130
Q1
Q2
3.5
4.5
50
90
0.45
0.5
0.55
0.65
075
0.85
0.9
0.95
0.6
0.7
0.8
TJ, JUNCTION TEMPERATURE (°C)
– 50
40
5
– 10
30
50
70
110
130
10
90
– 30
10
15
20
25
30
35
Q3
30
Figure 3. On-State Characteristics
Figure 4. Thermal Response
Figure 5. Hold Current Variation
Figure 6. Gate Trigger Current Variation
Figure 7. Gate Trigger Voltage Variation
MT2 POSITIVE
MT2 NEGATIVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com