Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA684 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # 2SA684
Description  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

2SA684 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  2SA684 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 2SA684 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 2SA684 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-92L
Plastic-Encapsulate Transistors
2SA684
TRANSISTOR (PNP)
FEATURES
∙ Automatic insertion by radial taping possible.
· Complementary pair with 2SC1384.
MAXIMUM RATINGS
(T
A=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1
A
PC
Collector Power Dissipation
0.75
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10uA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-2mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V, IE=0
-0.1
μA
hFE(1)
VCE=-10V, IC=-500mA
85
340
DC current gain
hFE(2)
VCE=-5V, IC=-1A
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.2
-0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
-0.85
-1.2
V
Transition frequency
fT
VCE=-10V, IE=50mA, f=200MHz
200
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
20
30
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
1 2 3
TO-92L
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - 2SA684

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA684 PANASONIC-2SA684 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA684 PANASONIC-2SA684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SA684 UTC-2SA684 Datasheet
68Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
2SA684 ETC-2SA684 Datasheet
50Kb / 1P
SI PNP EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
2SA684 SECOS-2SA684 Datasheet
236Kb / 3P
PNP Transistor
More results

Similar Description - 2SA684

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com