Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA600F-5-R Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PAA600F-5-R
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PAA600F-5-R Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PAA600F-5-R Datasheet HTML 1Page - RSG Electronic Components GmbH PAA600F-5-R Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¡HARMONIC CURRENT (PAA600F-5)
¡EFFICIENCY (PAA600F-5)
¡HARMOINC CURRENT (PAA600F-5)
¡RISE TIME & FALL TIME
(PAA600F-5 )
DC Output
AC Input
50ms/DIV
80
82
78
76
74
72
70
100
0
140
180
220
260
300
010
20
30
40
010
20
30
40
0.01
0.001
0.1
1
10
0.01
0.001
0.1
1
10
100%
50%
Load factor
Load factor
Load factor
Input voltage AC
Harmonic current standard class A,D(at odd number)
Harmonic current standard class A,D(at odd number)
100%
100V
Load factor
Input voltage AC
100%
230V
INPUT VOLTAGE
V
HARMONIC ORDER
HARMONIC ORDER
Io=100%
ACIN 100V
PAA
A-59
PAA600F
External view
Weight: 4.0kg or less
Tolerance
1
AIR FLOW
19.5
28max
160+
-0.5
150+
-0.5
160+
-0.5
20
15
7max
Terminal cover
LED
(Top)
(Bottom)
4-M4
(Both sides)
4-M4(Top)
M4
Short piece
FG hole M4
(-)
(+)
Name plate
M5
AC(L)
AC(N)
FG
RG
RC
CB
VB
-S
-M
+M
+S
79.5
20
100+
-0.5
55
200
8-M4(Bottom)
Output
terminal
Output
terminal
Output voltage
adjust
+
-
¶Mounting torque:1.5N . m(16kgf . cm)max
Performance data
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com