Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS75-3 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # LS75-3
Description  Single output General Purpose Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LS75-3 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  LS75-3 Datasheet HTML 1Page - RSG Electronic Components GmbH LS75-3 Datasheet HTML 2Page - RSG Electronic Components GmbH LS75-3 Datasheet HTML 3Page - RSG Electronic Components GmbH LS75-3 Datasheet HTML 4Page - RSG Electronic Components GmbH LS75-3 Datasheet HTML 5Page - RSG Electronic Components GmbH LS75-3 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LS Series
Single output General Purpose
Power Supplies
Key Market Segments & Applications
Test & Measurement
Automated Service
Factory Automation
General Purpose
LED Lighting & Display
• High MTBF up to 900 000 hours
• Superior operating temperatue performance up to 70°C
• Very High efficiency up to 87%
• Very Low Cost
• Compact
• Withstands 300VAC surges (5s)
• Three Year Warranty
LS Features and Benefits
Features
Benefits
• High MTBF
• Superior Reliability
• High efficiency
• Easier system cooling
• -25 to +70°C operating temperature
• Suitable for indoor & outdoor enclosures
• Low derating above 50 °C (up to 70% load available at 70° C)
• Improved system power optimasition
• Curve B EMC
• Assists system compliance
LS Series
1
Specifications
LS25
LS35
LS50
LS75
LS100
LS150
ITEMS
AC Input Voltage (300VAC for 5s)
VAC
88 - 264VAC (See note (2) for LS100)
88-132/176-264VAC(1)
Input Frequency
Hz
47 - 63Hz
DC Input Voltage
VDC
125 - 373VDC
248 - 273VDC
Inrush Current (230VAC, cold start)
A
30
4040
4060
40
Power Factor
-
Meets EN61000-3-2, -3
Input Current (115/230VAC)
A
0.7 / 0.4
0.8 / 0.55
1.3 / 0.8
1.6 / 1.0
2.2 / 1.2
3.5 / 2
Temperature Coefficient
-
<0.02%/°C (0 - 50°C)
Overcurrent Protection
-
> 110%
Overvoltage Protection
V
3.3V: 3.8-4.45V, 5V: 5.75-6.75V, 12V: 13.8-16.2V, 15V: 17.25-20.25V,24V: 27.6-32.4V, 36V: 41.4-48.6V, 48V: 55.2-64.8V
Hold Up Time (115 / 230V input)
ms
14 / 80
12 / 80
14 / 60
14 / 60
25 / 150
20 / 28
Leakage Current (230VAC 60Hz)
mA
TBA
<1mA
<1mA
Remote Sense
-
No
LED Indicator
-
Green LED = On
Operating Temperature
-
-25 to +70°C. Derate linearly to 50% load from +50 to +70°C (2)
Storage Temperature
°C
-40 to +85
Operating Humidity
-
20 - 90% RH (non condensing)
Storage Humidity
-
10 - 95% RH (non condensing)
Cooling
-
Convection
Withstand Voltage
-
Input to Ground 1.5kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100M at 25C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 1 hour
Shock
-
< 196.1 m/s2 (20G)
Immunity
-
IEC61000-4-2, -3, -4, -5, -6, -8, -11
Safety Agency Approvals
-
UL60950-1, EN60950-1, IEC60950-1, CE Mark
Conducted & Radiated EMI
-
EN55011/EN55022-B, FCC-B
MTBF (MIL-HDBK-217F)
hrs
906.997
706.464
712,890
648,786
545,375
505,393
Weight (Typ)
g
170
270
350
410
600
700
Size (LxWxH)
mm
79 x 51 x 28
99 x 82 x 36
99 x 97 x 36
130 x 97 x 38
160 x 97 x 38
198 x 99 x 38
Warranty
yrs
3 Years


Similar Part No. - LS75-3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS75-3.3 TDK-LS75-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
LS75-36 TDK-LS75-36 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - LS75-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
Single Output Regulated Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com