Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA50F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PBA50F
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA50F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PBA50F Datasheet HTML 1Page - RSG Electronic Components GmbH PBA50F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PBA50F
A
M3
2-M3
2-M3
AC(N)
AC(L)
-V
+V
120
1 2
(16.5)
(21.5)
(14)
(20)
4
77±0.5
(11)
88±0.5
11
Point A
Terminal cover
Mounting hole
Mounting
hole
Voltage adjust
Name plate
LED
Cover (option)
CN3
Connector for Remote ON/OFF (option)
Tolerance :
±1
¶ External size of option T,J,R,N,N1 and V is different from standard model and refer to 7 Option of instruction manual for details.
Mass : 280g or less (without cover)
PCB Material/thickness : CEM3 / 1.6mm
¶ Chassis material : Aluminum
Dimensions in mm
Mounting torque : 0.49N • m(5kgf • cm)max
Screw tightening torque : M3 0.8N • m(8.5kgf • cm)max
FG
Please connect safety ground to the unit in 2-M3 holes.
Pin No.
Contents
1
2
RC(+)
RC(-)
CN3 Option (Mfr : J.S.T.)
Connector type
Model B2B-XH-A
Mating Connector (Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
Barrier strip type
()
PB
A-11
PBA50F
Block diagram
FG
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
TRANSFORMER
CONTROL
OVER VOLTAGE
PROTECTION
DC OUT
NOISE
FILTER
RECTIFIER
AND
FILTER
INVERTER
AC IN 85 - 264V
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTER
INVERTER
CONTROL
CURRENT
SENSING
RC
EXTERNAL
SOURCE
E
OPTION
250V2A
External view
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com