Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA150F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PBA150F
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA150F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PBA150F Datasheet HTML 1Page - RSG Electronic Components GmbH PBA150F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PBA150F
9
(13.5)
168
58.5
78±0.5
2-M3
2-M3
TB1
M4
+V
+V
-V
-V
AC(L)
AC(N)
A
139.5
±0.5
(14.5)
(20.5)
(11.5)
(24)
Tolerance :
±1
Mass : 560g or less (without cover)
¶ Keep drawing current per pin below 20A for TB1.
PCB Material/thickness : CEM3 / 1.6mm
¶ Chassis material : Aluminum
Dimensions in mm
Mounting torque : 0.49N • m(5kgf • cm)max
Mounting torque : M4:1.6N • m(16.9kgf • cm)max
Name plate
Point A
Terminal cover
Mounting hole
Mounting
hole
Voltage adjust
LED
¶ External size of option T,J,R,N,N1,V and K is different from standard model and refer to 7 Option of instruction manual for details.
CN4
Connector for Remote sensing (option : only -3R3, -5)
CN3
Connector for Remote ON/OFF (option)
Cover
(option)
FG(
)
Please connect safety ground to FG terminal on the unit.
1 2
Pin No.
Contents
1
2
RC(+)
RC(-)
CN3 Option (Mfr : J.S.T.)
Connector type
Model B2B-XH-A
Mating Connector (Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
Barrier strip type
()
PB
A-17
PBA150F
Block diagram
FG
DC OUT
AC IN 85 - 264V
RC
E
250V4A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
TRANSFORMER
CONTROL
OVER VOLTAGE
PROTECTION
NOISE
FILTER
RECTIFIER
AND
FILTER
INVERTER
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTER
INVERTER
CONTROL
CURRENT
SENSING
EXTERNAL
SOURCE
OPTION
External view
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com