Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFSDC3 Datasheet(PDF) 1 Page - MMD Components

Part # UFSDC3
Description  UM-1 Thru-Hole Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

UFSDC3 Datasheet(HTML) 1 Page - MMD Components

  UFSDC3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision U052107C
U Series Crystal
UM-1 Thru-Hole Crystal
Wide Frequency Range
AT Cut
RoHS Compliant Available
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR (Ohms)
Mode / Cut
7.000MHz to 40.000MHz
40 Max
Fund / AT
24.000MHz to 34.999MHz
60 Max
3rd OT / AT
35.000MHz to 125.000MHz
40 Max
3rd OT / AT
60.000MHz to 200.000MHz
60 Max
3rd OT / AT
MARKING:
Frequency Range
7.000MHz to 200.000MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-55°C to +125°C
Aging
±5ppm / first year max
Shunt Capacitance
7pF max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
(ESR)
See ESR Chart
Mode of Operation
Fundamental, 3rd OT
Drive Level
1mW Max
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
MECHANICAL DETAILS:
8.10 [.319]
MAX
13.20 [.520]
MAX
3.20 [.126]
MAX
7.90 [.311]
MAX
3.75 [.148]
0.30 [.012]
DIMENSION IN BRACKETS ARE IN INCHES
PART NUMBER GUIDE:
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Operating Temperature
A = 0°C to +70°c
B = -20°C to +70°c
C = -40°C to +85°c
UM-1
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
T = ±5 ppm / ±10 ppm
E = ±50 ppm / ±50 ppm
D = ±10 ppm / ±15 ppm
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
Please Consult with MMD Sales Deparment for any other Parameters or Options
Frequency
U
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - UFSDC3

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
UFSD-101-1B DEC-UFSD-101-1B Datasheet
338Kb / 2P
1N4148 MINIATURE ULTRA FAST SWITCHING DIODE
More results

Similar Description - UFSDC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Abracon Corporation
ABL6M ABRACON-ABL6M Datasheet
2Mb / 3P
THRU-HOLE MICROPROCESSOR CRYSTAL
07.25.14
ABL7M ABRACON-ABL7M Datasheet
1Mb / 3P
THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
ABL7M2 ABRACON-ABL7M2 Datasheet
1Mb / 3P
THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
logo
Crystek Corporation
CRMXX CRYSTEKCRYSTAL-CRMXX_15 Datasheet
82Kb / 1P
UM-1 Leaded Crystal
logo
Fox Electronics
C4ST FOX-C4ST Datasheet
137Kb / 2P
Thru-Hole Crystal
C9ST FOX-C9ST Datasheet
130Kb / 2P
Thru-Hole Crystal
logo
Transko Electronics, In...
UM-1-2POIE TRANSKO-UM-1-2POIE Datasheet
379Kb / 1P
MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
UM-1-4POIE TRANSKO-UM-1-4POIE Datasheet
375Kb / 1P
MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com