Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA600F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PBA600F
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA600F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PBA600F Datasheet HTML 1Page - RSG Electronic Components GmbH PBA600F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M5
LED
CN3
CN1
CN2
AC(N)
AC(L)
M4
Input terminal cover
4-M4
Mounting Hole
(Bottom sides)
Output voltage
adjustable potentiometer
Output
terminal(+)
Output
terminal(-)
AIR FLOW
8-M4
Mounting Hole
(Both sides)
Name plate
Name plate
Output terminal cover
¶ Tolerance :
±1
¶ Mass : 1.6kg or less
¶ PCB Material/thickness : FR-4 / 1.6mm
¶ Chassis material : Aluminum
¶ Dimensions in mm
¶ Mounting torque : 1.2N · m(12.8kgf·cm)max
¶ Screw tighting torque : M4 1.6N • m(16.9kgf • cm)max
M5 2.5N • m(24.5kgf • cm)max
¶ The housing for the remote sensing unused is mounted on CN1
¶1 F1(Optional):190.5
61
(13.8)
(18)
190
6max
¶1(F1:190.5)
24
150±0.5
24
150 ±0.5
25max
20max
(48.5)
FG(
)
Please conect earth to FG terminal on the unit.
PB
A-21
PBA600F
Block diagram
250V15A
INRUSH
CURRENT
LIMIT
RECTIFIER
DC OUT
RC(REMOTE ON / OFF)
VB(VOLTAGE BALANCE)
CB(CURRENT BALANCE)
PG(POWER GOOD)
AUX(12 V 0.1A)
±M(MONITOR)
±S(REMOTE SENSING)
NOISE
FILTER
SWITCHING
DEVICE
CONTROL
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
VOLTAGE
SENSING
ACTIVE FILTER
VOLTAGE
SENSING
CURRENT
SENSING
INVERTER
CONTROL
ALARM
FAN
INTERNAL
REGURATOR
CONTROL
MASTER
SLAVE
CONTROL
THERMAL
PROTECTION
CURRENT
SENSING
AC IN
FG
FUSE
85 - 264V
OVER VOLTAGE
PROTECTION
External view
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com