Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA1500F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PBA1500F
Description  Unit type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA1500F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PBA1500F Datasheet HTML 1Page - RSG Electronic Components GmbH PBA1500F Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Name plate
CN1
4-M4
2-º9
CN3
CN2
NC
AC(N)
AC(L)
¶ Tolerance :
±1
¶ Mass : 3.4kg or less
¶ PCB Material/thickness : FR-4 / 1.6mm
¶ Chassis material : Aluminum
¶ Dimensions in mm
¶ Mounting torque : 1.2N • m(12.8kgf • cm)max
¶ Screw tighting torque : 1.6N • m(16.9kgf • cm)max
¶ The housing for the remote sensing unused is mounted on CN1
Output voltage
adjustable potentiometer
Name plate
AIR FLOW
8-M4
8-M4
Mounting Hole
(Both sides)
M4
Input terminal cover
Output terminal(+)
Output terminal(-)
LED
15.85
15
10
171.5 ±0.5
19
268
6max
19
171.5 ±0.5
(45)
25max
51.25
FG(
)
Please conect earth to FG terminal on the unit.
Mounting Hole
(Both sides)
PB
A-25
PBA1500F
Block diagram
250V30A
INRUSH
CURRENT
LIMIT
RECTIFIER
DC OUT
RC(REMOTE ON / OFF)
VB(VOLTAGE BALANCE)
CB(CURRENT BALANCE)
PG(POWER GOOD)
AUX(12 V 0.1A)
±M(MONITOR)
±S(REMOTE SENSING)
NOISE
FILTER
SWITCHING
DEVICE
CONTROL
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
VOLTAGE
SENSING
ACTIVE FILTER
VOLTAGE
SENSING
CURRENT
SENSING
INVERTER
CONTROL
ALARM
FAN
INTERNAL
REGURATOR
CONTROL
MASTER
SLAVE
CONTROL
THERMAL
PROTECTION
CURRENT
SENSING
AC IN
FG
FUSE
85 - 264V
OVER VOLTAGE
PROTECTION
External view
Distribution:
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com