Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB-4 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # DB-4
Description  SILICON BIDIRECTIONAL DIACS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

DB-4 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  DB-4 Datasheet HTML 1Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB-3, DB-4
SILICON BIDIRECTIONAL DIACS
The glass passivated, three-layer, two terminal, axial lead,
hermetically sealed diacs are designed specifically for
triggering thyristors. They demonstrate low breakover current
at breakover voltage as they withstand peak pulse current.
The breakover symmetry is within four volts with a typical
breakover voltage of DB-3 32 V, DB-4 40 V. These diacs are
intended for use in thyristor phase control, circuits for
lamp-dimming, universal-motor speed controls, and heat
controls.
Storage Temperature Range TS - 40 OC to +150 OC
Operating Temperature Range TJ - 40OC to +100 OC
MAXIMUM RATINGS at 50 OC Ambient
Peak Current (10 µs duration, 120 cycle repetition rate) IP ± 2 A Max.
Peak output voltage eP 3 ± Volts Max.
1)
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DB-3
28
36
Breakover Voltage
DB-4
V(BR)1 and V(BR)2
35
45
V
Breakover Currents
I(BR)1 and I(BR)2
-
200
µA
Breakover Voltage Symmetry
[V(BR)1]-[V(BR)2]
-
3.8
V
Dynamic Breakover Voltage
ΔI = [IBR to IF = 10 mA]
|
ΔV ± |
5
-
V
Thermal Impedance Junction to Ambient Air
RθJA
-
60
O
C/W
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Black
60~
120 V
ep
DIAC
0.1 uF
CIRCUIT FOR PEAK OUTPUT VOLTAGE TEST
20
1)
3.3 K
120 VAC
60 Hz
load up to 1500 W
200 K
0.1 uF
100 V
TRIAC
BILATERAL
TRIGGER
DIAC
TYPICAL DIAC-TRIAC FULL-WAVE PHASE
CONTROL CIRCUIT


Similar Part No. - DB-4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-4 LRC-DB-4 Datasheet
48Kb / 4P
Bi-directional trigger diodes
logo
Bud Industries, Inc.
DB-4701 BUD-DB-4701 Datasheet
65Kb / 1P
DIN RAIL MOUNT BOX
DB-4713 BUD-DB-4713 Datasheet
89Kb / 1P
DIN RAIL / PANEL MOUNT BOX
DB-4751 BUD-DB-4751 Datasheet
83Kb / 1P
DIN RAIL MOUNT BOXES WITH TIERED CONTACTS
More results

Similar Description - DB-4

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com