Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTAS320CM Datasheet(PDF) 1 Page - MMD Components

Part # MTAS320CM
Description  Industry Standard Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTAS320CM Datasheet(HTML) 1 Page - MMD Components

  MTAS320CM Datasheet HTML 1Page - MMD Components MTAS320CM Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Revision MTAH092208K
MTAH, MTAS, and MTAZ Series
Industry Standard Package
+3.30VDC or +5.00VDC
RoHS Compliant Available
Up to 800.000MHZ
ELECTRICAL SPECIFICATIONS:
Output
HCMOS
Clipped Sinewave
Sinewave
Fund or 3rd OT
1.000kHZ to 180.000MHZ
1.000kHZ to 180.000MHZ
1.000kHZ to 180.000MHZ
Frequency
Range
PLL
75.000kHZ to 200.000MHZ
75.000kHZ to 800.000MHZ
75.000kHZ to 800.000MHZ
Load
10k Ohms // 15pF
10k Ohms // 15pF
50 Ohms
Supply Current
35mA max
3mA max
35mA max
Output Level
Logic “1” = 90% of Vdd min
Logic “0” = 10% of Vdd max
1.0V p-p min
0 dBm min
Symmetry
40%/60% at 50% of
Waveform
N/A
N/A
Freq. Stability vs Temp (Note 1)
(See Frequency Stability vs Temperature Table)
Freq. Stability vs Aging
±1 ppm per year max
Freq. Stability vs Voltage
±0.3 ppm with a 5% change in Vdd
Freq. Stability vs Load
±0.3 ppm with a 10% change in Load
Storage Temperature
-40°C to +85°C
Supply Voltage (Vdd)
+3.3VDC ±5%
+5.0VDC ±5%
Control Voltage with VC option
+1.65VDC ±1.50VDC Positive Slope
+2.50VDC ±2.00VDC Positive Slope
Pin 1 Connection
No Connection
No Connection
VC Option
±10 ppm min
Mechanical Trimmer when
Specified
±3 ppm min
If no mechanical trimmer is specified, trimmer may still be present depending on frequency
stability option.
Note 1: If no mechanical trimmer, oscillator frequency shall be ±1 ppm at +25°C ±3°C at time of shipment.
PART NUMBER GUIDE:
MT
FREQUENCY
Blank = Not Compliant
F = is Compliant
RoHS Compliant
14 PIN DIP TCXO
Pin 1 Connection
Blank = N/C
V = Voltage Control
Blank = No Added Options
G = Gull-wing
Value Added Options
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Frequency
Stability
Operating
Temperature
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Please Consult with MMD Sales Department for any other Parameters or Options.
A = A Series (8.0 mm ht)
Series Options
5 = +5.0VDC
3 = +3.3VDC
Supply Voltage
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Output
Blank = No Trimmer
M = Mechanical Trimmer
Trimmer Option
A
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTAS320CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTAS10015610D ETC-MTAS10015610D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
More results

Similar Description - MTAS320CM

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com