Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTASF320CM Datasheet(PDF) 2 Page - MMD Components

Part # MTASF320CM
Description  Industry Standard Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTASF320CM Datasheet(HTML) 2 Page - MMD Components

  MTASF320CM Datasheet HTML 1Page - MMD Components MTASF320CM Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice
Revision MTAH092208K
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
●
●
●
G
0°C TO +70°C
●
●
●
●
●
C
-20°C TO +70°C
●
●
●
●
D
-30°C TO +70°C
●
●
●
E
-30°C TO +80°C
●
●
●
F
-40°C TO +85°C
●
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
2.40 [.094]
1.00 [.039]
5.00 [.197]
8
7
1
14
7.62 [.300]
15.24 [.600]
3.81 [.150]
7.62 [.300]
4.00 [.157]
0.50 [.020]
18.6 [.73]
MAX
12.2 [.48]
MAX
8.00 [.315]
MAX
OPTIONAL TRIMMER
PIN 14
VOLTAGE CONTROL OR NO
CONNECTION (SEE *)
SUPPLY VOLTAGE (VDD)
OUTPUT
CASE GROUND
PIN CONNECTIONS
PIN 8
PIN 7
PIN 1
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
*IF PIN 1 IS NOT CONNECTED,
PIN MAY BE DELETED
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
PHASE NOISE:
MARKING:
10 Hz
-65 dBc/HZ
100 Hz
-85 dBc/HZ
1 kHz
-115 dBc/HZ
10 kHz
-127 dBc/HZ
Line 1 =MXXXXX
M = MMD COMPONENTS
XXXXX = Frequency in MHZ
Line 2 = SYYMML
S = Internal Code
YYMM = 4 Digit Date Code (Year / Month)
L = Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Dot to denote Pin 1
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com